Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5P231C Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # RT5P231C
Description  Transistor With Resistor For Switching Application Silicon PNP Epitaxial Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT5P231C Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  RT5P231C Datasheet HTML 1Page - Isahaya Electronics Corporation RT5P231C Datasheet HTML 2Page - Isahaya Electronics Corporation RT5P231C Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RT5P231C
Transistor With Resistor
For Switching Application
Silicon PNP Epitaxial Type
ISAHAYA ELECTRONICS CORPORATION
TYPICAL CHARACTERISTICS (Ta=25℃)
コレクタ損失-周囲温度特性
0
50
100
150
200
250
0
50
100
150
周囲温度 Ta(℃)
コレクタ電流-入力オフ電圧
-0.01
-0.1
-1
-10
-0.0
-0.4
-0.8
-1.2
-1.6
-2.0
入力オフ電圧 VI(OFF)(V)
VCE=-5V
直流電流増幅率-コレクタ電流
1
10
100
1000
-1
-10
-100
-1000
コレクタ電流 IC(mA)
VCE=-5V
コレクタ・エミッタ間飽和電圧-コレクタ電流
-1
-10
-100
-1000
-1
-10
-100
-1000
コレクタ電流 IC(mA)
IC/IB=20/1
COLLECTOR DISSIPATION
VS.AMBIENT TEMPERATURE
AMBIENT TEMPERATURE Ta (℃)
COLLECTOR CURRENT Ic (mA)
DC FORWARD CURRENT GAIN
VS.COLLECTOR CURRENT
COLLECTOR CURRENT
VS.INPUT OFF VOLTAGE
INPUT OFF VOLTAGE VI(off) (V)
入力オン電圧-コレクタ電流
-0.1
-1
-10
-1
-10
-100
コレクタ電流 IC(mA)
VCE=-0.2V
INPUT ON VOLTAGE
VS.COLLECTOR CURRENT
COLLECTOR CURRENT Ic (mA)
COLLECTOR CURRENT Ic (mA)
COLLECTOR TO EMITTER SATURATION
VOLTAGE VS COLLECTOR CURRENT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com