Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPP07N60C2 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SPP07N60C2
Description  Cool MOS??Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP07N60C2 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPP07N60C2 Datasheet HTML 1Page - Infineon Technologies AG SPP07N60C2 Datasheet HTML 2Page - Infineon Technologies AG SPP07N60C2 Datasheet HTML 3Page - Infineon Technologies AG SPP07N60C2 Datasheet HTML 4Page - Infineon Technologies AG SPP07N60C2 Datasheet HTML 5Page - Infineon Technologies AG SPP07N60C2 Datasheet HTML 6Page - Infineon Technologies AG SPP07N60C2 Datasheet HTML 7Page - Infineon Technologies AG SPP07N60C2 Datasheet HTML 8Page - Infineon Technologies AG SPP07N60C2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2002-08-12
Page 4
SPP07N60C2, SPB07N60C2
SPA07N60C2
Final data
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Characteristics
Inverse diode continuous
forward current
IS
TC=25°C
-
-
7.3
A
Inverse diode direct current,
pulsed
ISM
-
-
14.6
Inverse diode forward voltage
VSD
VGS=0V, IF=IS
-
1
1.2
V
Reverse recovery time
trr
VR=350V, IF=IS ,
diF/dt=100A/µs
-
750
1275
ns
Reverse recovery charge
Qrr
-
4.9
-
µC
Peak reverse recovery current
Irrm
-
18
-
A
Peak rate of fall of reverse
recovery current
dirr/dt
Tj=25°C
-
550
-
A/µs
Typical Transient Thermal Characteristics
Symbol
Value
Unit
Symbol
Value
Unit
SPA
SPA
Rth1
0.024
0.024
K/W
Cth1
0.0001354
0.00012
Ws/K
Rth2
0.052
0.047
Cth2
0.0004561
0.000455
Rth3
0.065
0.065
Cth3
0.0007717
0.000638
Rth4
0.172
0.177
Cth4
0.001013
0.00144
Rth5
0.208
0.457
Cth5
0.00738
0.00737
Rth6
0.076
2.516
Cth6
0.068
0.412
SPP_B
SPP_B
E xternal H eatsink
Tj
Tcase
Tamb
C th1
C th2
R th1
R th,n
C th,n
P tot (t)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com