Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F573PC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F573PC
Description  Octal D-Type Latch with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F573PC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74F573PC Datasheet HTML 1Page - National Semiconductor (TI) 74F573PC Datasheet HTML 2Page - National Semiconductor (TI) 74F573PC Datasheet HTML 3Page - National Semiconductor (TI) 74F573PC Datasheet HTML 4Page - National Semiconductor (TI) 74F573PC Datasheet HTML 5Page - National Semiconductor (TI) 74F573PC Datasheet HTML 6Page - National Semiconductor (TI) 74F573PC Datasheet HTML 7Page - National Semiconductor (TI) 74F573PC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
30
53
70
30
90
30
80
ns
tPHL
Dn to On
20
37
60
20
70
20
65
tPLH
Propagation Delay
50
90
110
50
135
50
120
ns
tPHL
LE to On
30
52
70
30
75
30
70
tPZH
Output Enable Time
20
50
80
20
100
20
90
tPZL
20
56
85
20
100
20
95
ns
tPHZ
Output Disable Time
15
45
55
15
70
15
65
tPLZ
15
38
55
15
55
15
55
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
20
20
20
ts(L)
Dn to LE
20
20
20
ns
th(H)
Hold Time HIGH or LOW
30
30
30
th(L)
Dn to LE
35
40
35
tw(H)
LE Pulse Width HIGH
40
40
40
ns
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com