Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDA024A-1A0S-R Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PDA024A-1A0S-R
Description  24W Adapter Style Constant Current LED Driver Wall Plug LED Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA024A-1A0S-R Datasheet(HTML) 1 Page - Phihong USA Inc.

  PDA024A-1A0S-R Datasheet HTML 1Page - Phihong USA Inc. PDA024A-1A0S-R Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revised 1/7/2015
WWW.PHIHONG.COM
24W Adapter Style Constant Current LED Driver
PDA024A Wall Plug LED Power Supply
Features
 Low Profile Design
 IP20 Rated
 OVP, IOCP, Over-Load and Short-
Circuit Protection
 SELV Compliant
 UL 8750 Compliant
 ≥0.9 Power Factor Correction
 Very Low Leakage
 Low Cost Fixed Wall Plug
 Class 2 Output
Applications
 Indoor Lighting
 Under Counter Lighting
 Case Display Lighting
 Floor Lamps
Safety Approvals
 cUL/UL
Mechanical Characteristics
 Length: 90.5mm (3.56in)
 Height: 38mm (1.49in)
 Width: 55.5mm (2.19in)
 Weight: 125g (4.41oz)
Output Specifications
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at
www.phihong.com for the most up-to-date specifications and contact information.
Model
DC Output Voltage
Output
Current
Output
Power
Min.
Typ.
Max.
PDA024A-700S-R
24V
-
34V
700mA
24W
PDA024A-1A0S-R
16V
-
24V
1000mA
24W
PDA024A-1A5S-R
11V
-
16V
1500mA
24W


Similar Part No. - PDA024A-1A0S-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA025H-1A0A-H PHIHONG-PDA025H-1A0A-H Datasheet
329Kb / 4P
25W Triac Dimmable Constant Current LED Driver Residential LED Driver
PDA025H-350A-H PHIHONG-PDA025H-350A-H Datasheet
329Kb / 4P
25W Triac Dimmable Constant Current LED Driver Residential LED Driver
PDA025H-520A-H PHIHONG-PDA025H-520A-H Datasheet
329Kb / 4P
25W Triac Dimmable Constant Current LED Driver Residential LED Driver
PDA025H-700A-H PHIHONG-PDA025H-700A-H Datasheet
329Kb / 4P
25W Triac Dimmable Constant Current LED Driver Residential LED Driver
PDA026B-D350G PHIHONG-PDA026B-D350G Datasheet
122Kb / 3P
26W LED Driver with 2 Channel Constant Current Outputs LED Power Supply for Commercial Lighting
More results

Similar Description - PDA024A-1A0S-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA006A-350S-R PHIHONG-PDA006A-350S-R Datasheet
138Kb / 2P
6W Adapter Style Constant Current LED Driver
PSA24E PHIHONG-PSA24E Datasheet
107Kb / 2P
24W ??Wall Plug Adapter
PSAC24E PHIHONG-PSAC24E Datasheet
102Kb / 2P
24W ??Wall Plug Adapter
PDA006A-700C-H PHIHONG-PDA006A-700C-H Datasheet
164Kb / 3P
6W LED Driver with 700mA Constant Current LED Power Supply
PDA012A-350S-R PHIHONG-PDA012A-350S-R Datasheet
126Kb / 2P
12W Adapter Style Constant Current LED Driver Wall Plug LED Power Supply
PDA006A-350B-R PHIHONG-PDA006A-350B-R Datasheet
131Kb / 2P
6W Constant Current LED Driver Waterproof LED Power Supply
PDA006A-1A0B PHIHONG-PDA006A-1A0B Datasheet
131Kb / 2P
6W Constant Current LED Driver PDA006A Waterproof LED Power Supply
PSAC24E-120P-R PHIHONG-PSAC24E-120P-R Datasheet
108Kb / 3P
24W Wall Plug Adapter
logo
Inventronics Inc.
LUC-024SXXXDSPSSP INVENTRONICS-LUC-024SXXXDSPSSP Datasheet
529Kb / 11P
24W Constant Current IP20 Driver
Rev. J
LHC-024SXXXRSP INVENTRONICS-LHC-024SXXXRSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com