Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDA006A-700B-R Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PDA006A-700B-R
Description  6W Constant Current LED Driver Waterproof LED Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA006A-700B-R Datasheet(HTML) 2 Page - Phihong USA Inc.

  PDA006A-700B-R Datasheet HTML 1Page - Phihong USA Inc. PDA006A-700B-R Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PDA006A Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage
90 to 132VAC
Nominal AC Input Voltage
110 to 120VAC
Leakage Current
<0.25mA at 120VAC and maximum load
Maximum Input Current
≤250mA at full load, 120VAC
No Load Power Draw
≤300mW at 115VAC, 60Hz
OUTPUT:
Total Output Power
6W maximum
Efficiency
≥73% at nominal input voltage, 350-700mA out
≥69% at nominal input voltage, 1000mA out
Power Factor
≥0.9 at nominal input voltage, full load
ENVIRONMENTAL:
Operating Temperature
0 to +40°C
Storage Temperature
-40 to +85°C
Operating Humidity
10 to 95%
Warranty
3 Years
Dimension Diagram unit:mm
EMC
FCC Part 15 Class B
Immunity
EN61000-4-2
EN61000-4-5
EN61000-3-2
Class C
EN61000-3-3
Isolation Test
Primary to Secondary: 3000VAC, <10mA, 1 minute
Insulation Resistance
Primary to Secondary: 500VDC, >5M ohm, 1
minute
FEATURES:
Input Over-Current Protection
The input power line will be fused with a
1W/10Ohm fuse resistor
Short Circuit Protection
Auto restart without damage
Output Over-Voltage Protection
Output should not exceed voltage limits, auto shut
down
Input / Output Connection
Flying leads
Position
Terminal Color
Wire Gauge
Line
Black
AWG 18
Neutral
White
AWG 18
Vout+
Red
AWG 22
Vout-
Black
AWG 22
Ingression Protection
IP67; plastic housing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com