Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDA150B-S530G-R Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PDA150B-S530G-R
Description  150W CONSTANT CURRENT DRIVERS WITH PROVIDE TRULY ADVANCED PERFORMANCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA150B-S530G-R Datasheet(HTML) 1 Page - Phihong USA Inc.

  PDA150B-S530G-R Datasheet HTML 1Page - Phihong USA Inc. PDA150B-S530G-R Datasheet HTML 2Page - Phihong USA Inc. PDA150B-S530G-R Datasheet HTML 3Page - Phihong USA Inc. PDA150B-S530G-R Datasheet HTML 4Page - Phihong USA Inc. PDA150B-S530G-R Datasheet HTML 5Page - Phihong USA Inc. PDA150B-S530G-R Datasheet HTML 6Page - Phihong USA Inc. PDA150B-S530G-R Datasheet HTML 7Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PHIHONG’S 150W CONSTANT CURRENT DRIVERS WITH
94% EFFICIENCY
PROVIDE TRULY ADVANCED PERFORMANCE
Output Voltage Output Current Output Power
0V~425V
0.35A
150W
0V~280V
0.53A
150W
0V~210V
0.7A
150W
0V~140V
1.05A
150W
0V~100V
1.5A
150W
0V~89V
1.68A
150W


Similar Part No. - PDA150B-S530G-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA150B-S530G-R PHIHONG-PDA150B-S530G-R Datasheet
369Kb / 7P
PHIHONG?셎 150W CONSTANT CURRENT DRIVERS WITH 94% EFFICIENCY PROVIDE TRULY ADVANCED PERFORMANCE
PDA150B-S530G-R PHIHONG-PDA150B-S530G-R Datasheet
369Kb / 7P
PHIHONG?셎 150W CONSTANT CURRENT DRIVERS WITH 94% EFFICIENCY
More results

Similar Description - PDA150B-S530G-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA150W-S350G-R PHIHONG-PDA150W-S350G-R Datasheet
414Kb / 7P
150W CONSTANT CURRENT DRIVERS WITH PROVIDE TRULY ADVANCED PERFORMANCE
PDA150B-S1A0G PHIHONG-PDA150B-S1A0G Datasheet
369Kb / 7P
PHIHONG?셎 150W CONSTANT CURRENT DRIVERS WITH 94% EFFICIENCY PROVIDE TRULY ADVANCED PERFORMANCE
PDA150W-S1A0G PHIHONG-PDA150W-S1A0G Datasheet
414Kb / 7P
PHIHONG?셎 150W CONSTANT CURRENT DRIVERS WITH 94% EFFICIENCY PROVIDE TRULY ADVANCED PERFORMANCE
PDA150B PHIHONG-PDA150B Datasheet
369Kb / 7P
PHIHONG?셎 150W CONSTANT CURRENT DRIVERS WITH 94% EFFICIENCY
logo
Mean Well Enterprises C...
ELG-150U MEANWELL-ELG-150U Datasheet
1Mb / 8P
150W Constant Voltage Constant Current LED Driver
logo
ETA-USA
TGS150 ETA-USA-TGS150 Datasheet
1Mb / 3P
150W Constant Current Protection
logo
Inventronics Inc.
EBC-150SXXXSVA000X INVENTRONICS-EBC-150SXXXSVA000X Datasheet
206Kb / 8P
150W Constant Current IP67 Driver
Rev. D
ESC-150SXXXDT INVENTRONICS-ESC-150SXXXDT Datasheet
676Kb / 10P
150W Constant Current IP67 Driver
Rev. O
ETC-150SXXXDT INVENTRONICS-ETC-150SXXXDT Datasheet
565Kb / 9P
150W Constant Current IP67 Driver
Rev. F
EUC-150SXXXDV INVENTRONICS-EUC-150SXXXDV Datasheet
562Kb / 12P
150W Constant Current IP67 Driver
Rev. F
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com