Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3DAAM Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # RT3DAAM
Description  FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(ANODE COMMON)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3DAAM Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  RT3DAAM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3DAAM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3DAAM Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
〈SMALL-SIGNAL DIODE〉
RT3DAAM
FOR HIGH SPEED SWITCHING APPLICATION
SILICON EPITAXIAL TYPE(ANODE COMMON)
ISAHAYA ELECTRONICS CORPORATION
PRELIMINARY
Notice:This is not a final specification
Some parametric are subject to change.
TRIGGER
IF=10mA,VR=6V
3kΩ
RL=50Ω
+
trr=0.1lr REVERSE RECOVERY
TIME FOR 0.1 Ir
-
SUPPLY
(Zout=50Ω)
OSCILLOSCOPE
(Zin=50Ω)
DCPOWER
0.02μF
    D.U.T
PULSE GENERATER
SAMPLING
●INPUT VOLTAGE WAVE FORM
VF
VR
0
●CURRENT WAVE FORM IN DIODE
IF
Ir
0.1lr
trr
0
MC2836 Reverse recovery time (trr) test circuit
MC2836 TYPACAL CHARACTERISTICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com