Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3T77M Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RT3T77M
Description  Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3T77M Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT3T77M Datasheet HTML 1Page - Isahaya Electronics Corporation RT3T77M Datasheet HTML 2Page - Isahaya Electronics Corporation RT3T77M Datasheet HTML 3Page - Isahaya Electronics Corporation RT3T77M Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRELIMINARY
RT3T77M
Composite Transistor With Resistor
For Switching Application
Silicon Epitaxial Type
ISAHAYA ELECTRONICS CORPORATION
DESCRIPTION
RT3T77M is compound transistor built with RT1N140
chip and RT1P140 chip in SC-88 package.
FEATURE
Silicon epitaxial type
Each transistor elements are independent.
Mini package for easy mounting
APPLICATION
Inverted circuit, switching circuit,
interface circuit, driver circuit
.
OUTLINE DRAWING
Unit:mm
MAXIMUM RATING (Ta=25℃) (RTr1_NPN, RTr2_PNP)
SYMBOL
PARAMETER
RATING
UNIT
VCBO
Collector to Base voltage
50
V
VEBO
Emitter to Base voltage
6
V
VCEO
Collector to Emitter voltage
50
V
IC
Collector current
100
mA
ICM
Peak Collector current
200
mA
PC
Collector dissipation(Total, Ta=25℃)
150
mW
Tj
Junction temperature
+
150
℃
Tstg
Storage temperature
-55~+150
℃
※
PNP built in transistor of ”-”sign is abbreviation.
MARKING
7
T7
1
2
3
6
5
4
.
TERMINAL
CONNECTOR
①:
EMITTER1
②:
BASE1
③:
COLLECTOR2
④:
EMITTER2
⑤:
BASE2
⑥
:COLLECTOR1
JEITA:SC-88
R1
RTr1
①
②
④
⑤
RTr2
③
R1
⑥


Similar Part No. - RT3T77M

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3T11M ISAHAYA-RT3T11M Datasheet
63Kb / 4P
Composite Transistor With Resistor
RT3T11U ISAHAYA-RT3T11U Datasheet
172Kb / 4P
Composite Transistor With Resistor
RT3T14M ISAHAYA-RT3T14M Datasheet
65Kb / 4P
Composite Transistor With Resistor
RT3T1CU ISAHAYA-RT3T1CU Datasheet
175Kb / 4P
Composite Transistor With Resistor
RT3T22M ISAHAYA-RT3T22M Datasheet
69Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
More results

Similar Description - RT3T77M

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3T22M ISAHAYA-RT3T22M Datasheet
69Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3P55M ISAHAYA-RT3P55M Datasheet
178Kb / 3P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3P77M ISAHAYA-RT3P77M Datasheet
176Kb / 3P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3PDDM ISAHAYA-RT3PDDM Datasheet
175Kb / 3P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3PRRM ISAHAYA-RT3PRRM Datasheet
163Kb / 3P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3TBBM ISAHAYA-RT3TBBM Datasheet
182Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3TCCM ISAHAYA-RT3TCCM Datasheet
211Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3TDDM ISAHAYA-RT3TDDM Datasheet
183Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3TGGM ISAHAYA-RT3TGGM Datasheet
165Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3TTTM ISAHAYA-RT3TTTM Datasheet
171Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com