Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC171MLTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC171MLTRT
Description  Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC171MLTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC171MLTRT Datasheet HTML 5Page - Semtech Corporation SC171MLTRT Datasheet HTML 6Page - Semtech Corporation SC171MLTRT Datasheet HTML 7Page - Semtech Corporation SC171MLTRT Datasheet HTML 8Page - Semtech Corporation SC171MLTRT Datasheet HTML 9Page - Semtech Corporation SC171MLTRT Datasheet HTML 10Page - Semtech Corporation SC171MLTRT Datasheet HTML 11Page - Semtech Corporation SC171MLTRT Datasheet HTML 12Page - Semtech Corporation SC171MLTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
© 2010 Semtech Corporation
Typical Characteristics
OCP Valley Threshold vs Temperature
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
-50
-25
0
25
50
75
100 125
Temperature (°C)
VDD=5.0V
VDD=3.0V
IVIN Input Current In Shutdown vs Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-40
-15
10
35
60
85
110 135
Temperature (°C)
VIN=5V
Blue: VLX=VIN
Black: VLX=GND
IBST Leakage Current vs Temperature
-0.0200
-0.0180
-0.0160
-0.0140
-0.0120
-0.0100
-40 -15 10
35
60
85 110 135
Temperature (°C)
VIN=5V
VBST=VIN
Start up waveform
( VIN=5V, VOUT=1.2V, IOUT=1A, Channel 1:
0.5V/Div, Channel 4: 0.5A/Div, Time: 0.5ms/Div
)
Load Transient Test
(VIN=5V, VOUT=1.2V, IOUT= 0A to 1A,
Forced Continuous Conduction Mode, LOUT=1µH,
COUT=2x22µF, Channel 1: 50mV/Div, Channel
2:5V/Div,Channel 4: 0.5A/Div, Time:20µs/Div)
Load Transient Test
(VIN=5V, VOUT=1.2V, IOUT= 1A to 0A,
Forced Continuous Conduction Mode, LOUT=1µH,
COUT=2x22µF, Channel 1: 50mV/Div, Channel
2:5V/Div,Channel 4: 0.5A/Div, Time:20µs/Div)
9
SC171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com