Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC286EVB Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC286EVB
Description  Dual Channel 4A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC286EVB Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC286EVB Datasheet HTML 12Page - Semtech Corporation SC286EVB Datasheet HTML 13Page - Semtech Corporation SC286EVB Datasheet HTML 14Page - Semtech Corporation SC286EVB Datasheet HTML 15Page - Semtech Corporation SC286EVB Datasheet HTML 16Page - Semtech Corporation SC286EVB Datasheet HTML 17Page - Semtech Corporation SC286EVB Datasheet HTML 18Page - Semtech Corporation SC286EVB Datasheet HTML 19Page - Semtech Corporation SC286EVB Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
SC286
Land Pattern – 4x4 MLPQ-UT28
C
Z
P
Y
X
G
K
H
.189
.016
.008
.033
.122
.104
.104
4.80
0.20
0.85
0.40
2.65
2.65
3.10
DIM
(3.95)
MILLIMETERS
DIMENSIONS
(.156)
INCHES
FAILURE TO DO SO MAY COMPROMISE THE THERMAL AND/OR
THERMAL VIAS IN THE LAND PATTERN OF THE EXPOSED PAD
SHALL BE CONNECTED TO A SYSTEM GROUND PLANE.
FUNCTIONAL PERFORMANCE OF THE DEVICE.
3.
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
SQUARE PACKAGE-DIMENSIONS APPLY IN BOTH X AND Y DIRECTIONS.
4.
1.
Y
Z
G
P
X
K
H
(C)
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
2.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com