Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2598 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2598
Description  Low Voltage DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2598 Datasheet(HTML) 5 Page - Semtech Corporation

  SC2598 Datasheet HTML 1Page - Semtech Corporation SC2598 Datasheet HTML 2Page - Semtech Corporation SC2598 Datasheet HTML 3Page - Semtech Corporation SC2598 Datasheet HTML 4Page - Semtech Corporation SC2598 Datasheet HTML 5Page - Semtech Corporation SC2598 Datasheet HTML 6Page - Semtech Corporation SC2598 Datasheet HTML 7Page - Semtech Corporation SC2598 Datasheet HTML 8Page - Semtech Corporation SC2598 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SC2598
5
Block Diagram
DRIV E R
L OGIC
VIN
7
VTT
8
GND
1
VD D
6
UV L O
S o ft-S ta rt
EN
2
VTTS
3
V DDQ
5
+
-
VR EF
4
EN \
R
R
T herm a l
S hutdow n
Pin #
Pin Name
Pin Function
1
GND
Ground reference for the IC.
2EN
Logic input to enable or disable the VTT output. If EN pin is grounded to shut down the linear regulator,
VREF remains active.
3
VTTS
VTT output sense input. Connect VTTS to the output at the output capacitor to implement remote sense.
4
VREF
The reference output, equal to one half of VDDQ. Connect a 100nF capacitor from this pin to GND.
5
VDDQ
External reference input; range 1V to 3.6V.
6
VDD
Input bias voltage — 2.35V to 3.6V . Connect a ceramic capacitor from this pin to GND.
7
VIN
LDO input range — 1V to 3.6V. Connect ceramic capacitors from this pin to GND.
8
VTT
Output of the linear regulator. Connect ceramic capacitors from this pin to GND.
PAD
NC
Thermal pad. Not electrically connected. Connect to the GND plane using multiple vias for optimal heat
sinking.
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com