Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4212BEVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4212BEVB
Description  Very Low Input /Very Low Dropout 1 Amp Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4212BEVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC4212BEVB Datasheet HTML 1Page - Semtech Corporation SC4212BEVB Datasheet HTML 2Page - Semtech Corporation SC4212BEVB Datasheet HTML 3Page - Semtech Corporation SC4212BEVB Datasheet HTML 4Page - Semtech Corporation SC4212BEVB Datasheet HTML 5Page - Semtech Corporation SC4212BEVB Datasheet HTML 6Page - Semtech Corporation SC4212BEVB Datasheet HTML 7Page - Semtech Corporation SC4212BEVB Datasheet HTML 8Page - Semtech Corporation SC4212BEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SC4212B
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC4212BMLTRC(1)(2)
3mm x 3mm x 1mm MLPD-8
SC4212BEVB
Evaluation Board
Notes:
(1) Available in tape and reel only. A reel contains 3,000 devices.
(2) Available in lead-free package only. Device is WEEE and RoHS
compliant and halogen free.
3mm x 3mm x 1mm MLPD-8
θ
JA = 36.3°C/W
yyww = Datecode ( Example : 1352 )
xxxx = Semtech Lot No. ( Example : 2932 )
212B
yyww
xxxx
NC
GND
FB
VO
NC
8
7
6
5
1
2
3
4
EN
VIN
NC
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com