Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4808AIMSTR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4808AIMSTR
Description  High Performance Dual Ended PWM Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808AIMSTR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4808AIMSTR Datasheet HTML 7Page - Semtech Corporation SC4808AIMSTR Datasheet HTML 8Page - Semtech Corporation SC4808AIMSTR Datasheet HTML 9Page - Semtech Corporation SC4808AIMSTR Datasheet HTML 10Page - Semtech Corporation SC4808AIMSTR Datasheet HTML 11Page - Semtech Corporation SC4808AIMSTR Datasheet HTML 12Page - Semtech Corporation SC4808AIMSTR Datasheet HTML 13Page - Semtech Corporation SC4808AIMSTR Datasheet HTML 14Page - Semtech Corporation SC4808AIMSTR Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
 2005 Semtech Corp.
www.semtech.com
SC4808A/B
POWER MANAGEMENT
100
105
110
115
120
125
130
135
140
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
LUVLO (Hysteresis)
Vcc UVLO Hysteresis vs. Temperature
Line UVLO vs. Temperature
Line UVLO Hysteresis vs. Temperature
Oscillator Frequency vs. Temperature
Synchronization Frequency vs. Temperature
Maximum Duty Cycle vs. Temperature
SC4808B Typical Characteristics (Cont.)
49.4
49.4
49.4
49.4
49.4
49.5
49.5
49.5
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Maximum Duty Cycle
650
652
654
656
658
660
662
664
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Sync. Frequency @ Fosc = 500kHz
200
400
600
800
1000
1200
1400
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Oscillator Frequency 1MHz
Oscillator Frequency 500kHz
3.120
3.125
3.130
3.135
3.140
3.145
3.150
3.155
3.160
3.165
3.170
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
LUVLO (Rising)
84
86
88
90
92
94
96
98
100
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Vcc UVLO (Hysteresis)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com