Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4808BIMSTR Datasheet(PDF) 28 Page - Semtech Corporation

Part # SC4808BIMSTR
Description  High Performance Dual Ended PWM Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808BIMSTR Datasheet(HTML) 28 Page - Semtech Corporation

Back Button SC4808BIMSTR Datasheet HTML 23Page - Semtech Corporation SC4808BIMSTR Datasheet HTML 24Page - Semtech Corporation SC4808BIMSTR Datasheet HTML 25Page - Semtech Corporation SC4808BIMSTR Datasheet HTML 26Page - Semtech Corporation SC4808BIMSTR Datasheet HTML 27Page - Semtech Corporation SC4808BIMSTR Datasheet HTML 28Page - Semtech Corporation SC4808BIMSTR Datasheet HTML 29Page - Semtech Corporation SC4808BIMSTR Datasheet HTML 30Page - Semtech Corporation SC4808BIMSTR Datasheet HTML 31Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
28
 2005 Semtech Corp.
www.semtech.com
SC4808A/B
POWER MANAGEMENT
Evaluation Board Bill of Materials
SC4808 Push Pull 3.3V 50W non Synchronous
SC4808EVB__non_sync
Revision: 1.1
Bill Of Materials
October 7,2002
13:35:18
1
1
CON1
5output_half_brick
CON\5OUTPUT_HALF_BRICK
2
1
CON2
3input_half_brick
CON\3INPUT_HALF_BRICK
3
2
C3,C1
2.2n
SM/C_1206
4
6
C2,C10,C17,C24,C26,C32
0.1u
SM/C_0805
5
6
C4,C5,C6,C7,C8,C9
22u,6.3V
GRM32DR60J226KA01
SM/C_1210_GRM
6
3
C11,C12,C13
1u,100V
GRM55DR72E105KW01
SM/C_2220
7
1
C14
.1u,16V
SM/C_0805
8
2
C15,C16
10u,16V
GRM32DR61C106KA01
SM/C_1210_GRM
9
1
C18
22nF
SM/C_1206
10
1
C19
2.2u,16V
SM/C_1206
11
1
C20
1u,16V
GRM32RR71H105KA011
SM/C_1210_GRM
12
2
C22,C21
82p
SM/C_0805
13
1
C23
0.1u,25V
SM/C_1206
14
1
C25
10nF
SM/C_0805
15
2
C27,C33
22n
SM/C_0805
16
1
C28
NA
SM/C_0805
17
1
C29
100pF
SM/C_0805
18
1
C30
1nF
SM/C_0805
19
1
C31
470pF
SM/C_0805
20
1
C34
.1uF
SM/C_0805
21
1
C35
2.2uF 16V
SM/C_0805
22
2
D2,D1
MBRB2535CTL
DIODE_D2PAK
23
4
D3,D5,D6,D16
1N5819HW
SOD123
24
1
D4
ZM4743A
SMB/DO214
25
8
D7,D9,D10,D11,D12,D13,
CMOSH-3
CMOSH-3 (Central Semiconductor)
SOD523
D14,D15
26
1
D8
LS4448
SM/DO213AC
27
1
JP1
short
VIA\2P
28
1
J1
REF
ED5052
29
1
J2
Vcc
ED5052
30
1
J3
SYNC
ED5052
31
1
L1
0.9uH
PG0006
32
1
L2
LQH43MN102K011
LQH43MN102K01L
SDIP0302
33
2
M1,M2
SUD19N20-90
SUD19N20-90
DPAKFET
34
1
Q1
FZT853
SM/SOT223_BCEC
35
1
Q2
FMMT718
36
4
R1,R7,R15,R19
0
SM/R_0805
37
2
R5,R2
10
SM/R_1206
38
1
R3
20k
SM/R_1206
39
1
R4
250
SM/R_1210_MCR
40
2
R6,R11
TBD
SM/R_0805
41
1
R8
0
SM/R_1206
42
2
R9,R10
2.2
SM/R_0805
43
1
R12
56.2k
SM/R_1206
44
1
R13
10k
SM/R_0805
45
1
R14
15
SM/R_0805
46
2
R16,R24
1k
SM/R_0805
47
3
R17,R27,R30
15k
SM/R_0805
48
1
R18
10
SM/R_0805
49
2
R26,R20
2.2k
SM/R_0805
50
1
R21
10k
SM/R_1206
51
1
R22
37.4k
SM/R_0805
52
1
R23
18.2k
SM/R_0805
53
1
R25
11.5k
SM/R_0805
54
1
R28
25.5k
SM/R_0805
55
1
R29
100
SM/R_0805
56
1
R31
16.2
SM/R_1206
57
1
R32
56.2k
SM/R_0805
58
1
T1
PA0500
PA0500
59
1
T2
P8208T
P8208T
60
1
T3
PE-68386
PE-68386
61
1
U1
SC4808
MSOP10
62
2
U2,U3
SC1301A
SOT23_5PIN
63
2
U4,U5
SC4431
SOT23_5PIN
64
1
U6
MOCD207
SO-8
65
1
U7
CBRHD-02
CBRHD-02
Manufacturer #
Foot Print
Item
Quantity
Reference
Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com