Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4905AIMSTRT Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC4905AIMSTRT
Description  High Performance Voltage Mode PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4905AIMSTRT Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC4905AIMSTRT Datasheet HTML 16Page - Semtech Corporation SC4905AIMSTRT Datasheet HTML 17Page - Semtech Corporation SC4905AIMSTRT Datasheet HTML 18Page - Semtech Corporation SC4905AIMSTRT Datasheet HTML 19Page - Semtech Corporation SC4905AIMSTRT Datasheet HTML 20Page - Semtech Corporation SC4905AIMSTRT Datasheet HTML 21Page - Semtech Corporation SC4905AIMSTRT Datasheet HTML 22Page - Semtech Corporation SC4905AIMSTRT Datasheet HTML 23Page - Semtech Corporation SC4905AIMSTRT Datasheet HTML 24Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
SC4905A/B
POWER MANAGEMENT
 2006 Semtech Corp.
www.semtech.com
21
Evaluation Board Bill of Materials
Revised: Monday, March 8, 2003
SC4905 Single Switch Forward (RCD Reset) non Synchronous 12V 50W
Bill Of Materials
Revised: January 28,2002
Revision: 1b
1
1
CON1
5output_half_brick
CON\5OUTPUT_HALF_BRICK
2
1
CON2
3input_half_brick
CON\3INPUT_HALF_BRICK
3
2
C11,C1
470pF,100V
SM/C_0805
4
6
C2,C3,C4,C5,C6,C7
100u,16V
EEJL1CD476R
5
5
C8,C9,C14,C28,C34
0.1u,16V
SM/C_0805
6
1
C10
.47uF,100V
GHM1545X7R474K250 (Murata)
SM/C_2220
7
2
C12,C13
1u,100V
GRM44-1X7R105K250AL (Murata)
SM/C_2220
8
3
C15,C16,C23
10u,16V
GRM42-2X5R106K16 (Murata)
SM/C_1210_GRM
C17,C18,C19,C20,C21,C24,
C25
10
1
C22
2.2u, 16V
SM/C_0805
11
2
C26,C27
220p, 16V
SM/C_0805
12
2
C29,C35
22n, 16V
SM/C_0805
13
1
C30
NA
SM/C_0805
14
1
C31
22pF
SM/C_0805
15
1
C32
1nF
SM/C_0805
16
1
C33
680pF
SM/C_0805
17
1
C36
4.7nF
SM/C_0805
18
1
C37
.33uF,250V
C4532X7R2E334K (TDK)
SM/C_2220
19
2
D1,D2
MBRD660CT
DIODE_DPAK
20
1
D3
MURA120T3
SM/DO214AA
21
2
D4,D5
LS4448
SM/DO213AC
22
1
D6
ZM4742A
ZM4742A (Diodes Inc.)
SMB/DO214
23
1
D7
1N5819HW
SOD123
D8,D9,D10,D11,D12,D13,
D15
25
1
D14
B140T
SM/DO213AC
26
1
JP1
short
VIA\2P
27
1
J1
REF
ED5052
28
1
J2
VDD
ED5052
29
1
L1
9uH
P1173.123T (Pulse)
P1173
30
1
L2
LQH4N102K04
LQH4N102K04 (Murata)
SDIP0302
31
1
M1
SUD15N15-95
SUD15N15-95 (Vishay)
DPAKFET
32
1
OUT
OUT
ED5052
33
1
Q1
FZT853
FZT853 (Zetex)
SM/SOT223_BCEC
34
2
R5,R1
10
SM/R_0805
35
3
R2,R9,R13
0
SM/R_0805
36
1
R3
49.9k
SM/R_1206
37
1
R4
500
MRC1-100-5000-F-7
SM/R_1210_MCR
38
2
R6,R7
5000
MRC1-100-5001-F-7
SM/R_1210_MCR
39
2
R8,R12
TBD
SM/R_0805
40
1
R10
LR2512-01-R025FTR
LR2512-01-R025FTR (IRC)
ERJL1W
41
1
R11
2.2
SM/R_0805
42
1
R14
280k
SM/R_0805
43
1
R15
499k
SM/R_0805
44
1
R16
2k
SM/R_0805
45
1
R17
500
SM/R_0805
46
1
R18
8.25k
SM/R_0805
47
2
R22,R19
1.1k
SM/R_0805
48
2
R20,R30
39.2k
SM/R_0805
49
2
R24,R21
3.74k
SM/R_0805
50
1
R23
5.1k
SM/R_0805
51
1
R25
100k
SM/R_0805
52
1
R26
80.2k
SM/R_0805
53
1
R27
9.1k
SM/R_0805
54
1
R28
2.2k
SM/R_0805
55
1
R29
NA
SM/R_0805
56
1
SYNC1
SYNC
ED5052
57
1
T1
PA0273
PA0273 (Pulse)
PA0273
58
1
T2
PE-68386
PE-68386 (Pulse)
PE-68386
59
1
U1
SC4905
SC4905 (Semtech)
MSOP10
60
2
U2,U3
SC1301A
SC1301A (Semtech)
SOT23_5PIN
61
2
U4,U6
SC4431
SC4431 (Semtech)
SOT23_5PIN
62
1
U5
MOCD207
MOCD207(Fairchild)
SO-8
Manufacturer #
Foot Print
Item
Quantity
Reference
Part
1u, 16V
SM/C_0805
97
SOD523
24
7
CMOSH-3
CMOSH-3 (Central Semiconductor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com