Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC21152EVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC21152EVB
Description  Tiny 1.2A Synchronous Buck Regulator with Power Good
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21152EVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC21152EVB Datasheet HTML 1Page - Semtech Corporation SC21152EVB Datasheet HTML 2Page - Semtech Corporation SC21152EVB Datasheet HTML 3Page - Semtech Corporation SC21152EVB Datasheet HTML 4Page - Semtech Corporation SC21152EVB Datasheet HTML 5Page - Semtech Corporation SC21152EVB Datasheet HTML 6Page - Semtech Corporation SC21152EVB Datasheet HTML 7Page - Semtech Corporation SC21152EVB Datasheet HTML 8Page - Semtech Corporation SC21152EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SC21152
2
Ordering Information
Device (1)(2)
Options(3)
Package
Output(3)
Soft Start(3)
Output Discharge(3)
SC21152AULTRC
Adjustable
100μs
Automatic
1.5mm x 2mm 6-Lead MLPD
SC21152EVB
Evaluation Board 1.5mm x 2.0mm 6-Lead MLPD
Notes:
(1) Available in tape and reel only. A reel contains 3,000 devices.
(2) Lead-free packaging only. Device is WEEE and RoHS compliant and halogen-free.
(3) For other device options not shown contact Semtech Marketing.
The following options can be made available:
VOUT options : adustable and fixed output voltage from 0.8V to 3.6V in 50mV increments.
Soft Start options: internal 100μs, 200μs, 400μs, or 800μs.
Output Discharge options: Automatic Discharge and No Discharge.
Frequency: The default operating frequency is 4MHz with options of 2.2MHz, 3MHz, or 6MHz.
Pin Configuration
Marking Information
6
5
4
2
1
3
TOP VIEW
6-Lead M LPD
1.5x2.0 (m m )
1.5x2.0 (m m )
6-Lead M LPD
TOP VIEW
RCA
oyw
Pin Assignments 6-Lead MLPD
Pin #
Name
1
VIN
2
PG
3
EN
4
FB
5
GND
6
LX
PAD
PAD
1.5x2.0 (mm) 6-Lead MLPD Marking Diagram
RCA = Device Marking Code
oyw = Pin 1 Indicator and Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com