Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS32101 Datasheet(PDF) 11 Page - Semtech Corporation

Part # TS32101
Description  High Efficiency DC/DC Boost Converter for USB, 2Mhz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS32101 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button TS32101 Datasheet HTML 4Page - Semtech Corporation TS32101 Datasheet HTML 5Page - Semtech Corporation TS32101 Datasheet HTML 6Page - Semtech Corporation TS32101 Datasheet HTML 7Page - Semtech Corporation TS32101 Datasheet HTML 8Page - Semtech Corporation TS32101 Datasheet HTML 9Page - Semtech Corporation TS32101 Datasheet HTML 10Page - Semtech Corporation TS32101 Datasheet HTML 11Page - Semtech Corporation TS32101 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TS32101
Final Datasheet
Rev 2.1
January 26, 2016
www.semtech.com
11 of 12
Semtech
Inamulti-layerboardapplication,thethermalviasaretheprimarymethodofheattransferfromthepackagethermalpadto
theinternalgroundplane.Theefficiencyofthismethoddependsonseveralfactors,includingdiearea,numberofthermalvias,
thicknessofcopper,etc.
Theabovedrawingisarepresentationofhowtheheatcanbeconductedawayfromthedieusinganexposedpadpackage.Each
applicationwillhavedifferentrequirementsandlimitationsandthereforetheusershouldusesufficientcoppertodissipatethe
powerinthesystem.Theoutputcurrentratingforthelinearregulatorsmayhavetobede-ratedforambienttemperaturesabove
85C.Thede-ratevaluewilldependoncalculatedworstcasepowerdissipationandthethermalmanagementimplementationin
theapplication.
Application Using A Single Layer PCB
Use as much Copper Area
as possible for heat spread
Package Thermal Pad
Package Outline
LayoutrecommendationsforaSingleLayerPCB:utilizeasmuchCopperAreaforPowerManagement.Inasinglelayerboard
applicationthethermalpadisattachedtoaheatspreader(copperareas)byusinglowthermalimpedanceattachmentmethod
(solderpasteorthermalconductiveepoxy).
Inbothofthemethodsmentionedaboveitisadvisabletouseasmuchcoppertracesaspossibletodissipatetheheat.
IMPORTANT:
IftheattachmentmethodisNOTimplementedcorrectly,thefunctionalityoftheproductisnotguaranteed.Powerdissipation
capabilitywillbeadverselyaffectedifthedeviceisincorrectlymountedontothecircuitboard.
Mold compound
Die
Epoxy Die attach
Exposed pad
Solder
Thermal Vias with Cu plating
Single Layer, 2oz Cu
Ground Layer, 1oz Cu
Signal Layer, 1oz Cu
Bottom Layer, 2oz Cu
20% Cu coverage
90% Cu coverage
5% - 10% Cu coverage
Note: NOT to Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com