Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3DSSM Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RT3DSSM
Description  FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(SERIES TYPE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3DSSM Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT3DSSM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3DSSM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3DSSM Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
〈SMALL-SIGNAL DIODE〉
RT3DSSM
FOR HIGH SPEED SWITCHING APPLICATION
SILICON EPITAXIAL TYPE(SERIES TYPE)
ISAHAYA ELECTRONICS CORPORATION
PRELIMINARY
Notice:This is not a final specification
Some parametric are subject to change.
DESCRIPTION
RT3DSSM is a super mini package plastic seal type silicon epitaxial
type composite diode, built with two Series type MC2840.
Quadruple and small pin capacitance (4 pieces), suitable for protect
circuit, bias circuit.
FEATURE
●Small pin capacitance
●Quadruple diodes and super mini package for mounting
APPLICATION
For general high speed switching of audio machine,VTR.
OUTLINEDRAWING
Unit:mm
MAXIMUM RATINGS(Ta=25℃)(Di1,Di2 COMMON)
Symbol
Parameter
Ratings
Unit
V
RM
Peak reverse voltage
35
V
V
R
DC reverse voltage
30
V
I
FSM
Surge current(1μs)
4
A
I
FM
Peak forward current
300
mA
I
O
Average rectification current
100
mA
P
T
Total allowance dissipation
200
mW
T
j
Junction temperature
+150
℃
Tstg
Storage temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS(Ta=25℃)(Di1,Di2 COMMON)
Parameter
Symbol
Test conditions
Limits
Uniit
Min
Typ
Max
Forward voltage
V
F1
I
F=10mA
-
0.75
1.0
V
V
F2
I
F=50mA
-
085
1.2
V
F3
I
F=100mA
-
0.90
1.4
Reverse current
I
R
V
R=30V
-
-
0.1
μA
Pin capacitance
C
t
VR=0V,f=1MHz
Di1
-
6
-
pF
Di2
-
10
-
MARKING
DSS
●
①
②
③
⑥
⑤
④
Type Name
JEITA:SC-88
JEDEC:-
MC2840
MC2840
Di1
Di2
Di1
Di2
Equivalent circuit


Similar Part No. - RT3DSSM

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3DAAM ISAHAYA-RT3DAAM Datasheet
332Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(ANODE COMMON)
RT3DKAM ISAHAYA-RT3DKAM Datasheet
458Kb / 5P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
RT3DKKM ISAHAYA-RT3DKKM Datasheet
333Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(CATHODE COMMON)
More results

Similar Description - RT3DSSM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC2841 ETC1-MC2841 Datasheet
147Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
logo
Isahaya Electronics Cor...
MC2831 ISAHAYA-MC2831 Datasheet
137Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2837 ISAHAYA-MC2837 Datasheet
137Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(SERIES TYPE)
MC971 ISAHAYA-MC971_13 Datasheet
153Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2831 ISAHAYA-MC2831_10 Datasheet
122Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2841 ISAHAYA-MC2841_10 Datasheet
134Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2842 ISAHAYA-MC2842_10 Datasheet
145Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2844 ISAHAYA-MC2844_10 Datasheet
146Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2846 ISAHAYA-MC2846_10 Datasheet
105Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2854 ISAHAYA-MC2854_10 Datasheet
80Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com