Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBLC05C Datasheet(PDF) 2 Page - Protek Devices

Part # EBLC05C
Description  ULTRA LOW CAPACITA NCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EBLC05C Datasheet(HTML) 2 Page - Protek Devices

  EBLC05C_13 Datasheet HTML 1Page - Protek Devices EBLC05C_13 Datasheet HTML 2Page - Protek Devices EBLC05C_13 Datasheet HTML 3Page - Protek Devices EBLC05C_13 Datasheet HTML 4Page - Protek Devices EBLC05C_13 Datasheet HTML 5Page - Protek Devices EBLC05C_13 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05334.R2 3/13
Page 2
EBLC05C - EBLC12C
tYPICaL DEVICE ChaRaCtERIStICS
MaXIMuM RatINgS @ 25°C unless Otherwise Specified
PaRaMEtER
SYMBOL
VaLuE
uNItS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
250
Watts
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
ELECtRICaL ChaRaCtERIStICS PER LINE @ 25°C unless Otherwise Specified
PaRt
NuMBER
DEVICE
MaRkINg
RatED
StaND-OFF
VOLtagE
V
WM
VOLtS
MINIMuM
BREakDOWN
VOLtagE
@ 1ma
V
(BR)
VOLtS
MaXIMuM
CLaMPINg
VOLtagE
(Fig. 2)
@ IP = 1a
V
C
VOLtS
MaXIMuM
CLaMPINg
VOLtagE
(Fig. 2)
@ 8/20µs
V
C @ IPP
MaXIMuM
LEakagE
CuRRENt
@V
WM
I
D
µa
tYPICaL
CaPaCItaNCE
@0V, 1Mhz
C
pF
EBLC05C
5C
5.0
6.0
9.8
18.3V @ 17.0A
5
3
EBLC08C
8C
8.0
8.5
13.4
28.0V @ 12.0A
2
3
EBLC12C
12C
12.0
13.3
19.0
31.0V @ 8.0A
1
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com