Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F545 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F545
Description  Octal Bidirectional Transceiver with TRI-STATEE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F545 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54F545 Datasheet HTML 1Page - National Semiconductor (TI) 54F545 Datasheet HTML 2Page - National Semiconductor (TI) 54F545 Datasheet HTML 3Page - National Semiconductor (TI) 54F545 Datasheet HTML 4Page - National Semiconductor (TI) 54F545 Datasheet HTML 5Page - National Semiconductor (TI) 54F545 Datasheet HTML 6Page - National Semiconductor (TI) 54F545 Datasheet HTML 7Page - National Semiconductor (TI) 54F545 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DC Electrical Characteristics (Continued)
Symbol
Parameter
54F74F
Units
VCC
Conditions
Min
Typ
Max
IZZ
Bus Drainage Test
500
m
A
00V
VOUT e 525V
ICCH
Power Supply Current
70
90
mA
Max
VO e HIGH
ICCL
Power Supply Current
95
120
mA
Max
VO e LOW
ICCZ
Power Supply Current
85
110
mA
Max
VO e HIGH Z
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
25
42
60
20
75
25
70
ns
tPHL
An to Bn or Bn to An
25
46
60
20
75
25
70
tPZH
Output Enable Time
30
53
70
25
90
30
80
tPZL
35
60
80
30
100
35
90
ns
tPHZ
Output Disable Time
30
50
65
25
90
30
75
tPLZ
20
50
65
20
100
20
75
Logic Diagram
TLF9556 – 4
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
545
S
C
X
Temperature Range Family
Special Variations
74F e Commercial
QB e Military grade device with
54F e Military
environmental and burn-in
processing
Device Type
X e Devices shipped in 13 reel
Package Code
Temperature Range
P e Plastic DIP
C e Commercial (0 Cto a70 C)
D e Ceramic DIP
M e Military (b55 Cto a125 C)
F e Flatpak
L e Leadless Chip Carrier (LCC)
S e Small Outline SOIC JEDEC
SJ e Small Outline SOIC EIAJ
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com