Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87502Q2 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87502Q2
Description  CSD87502Q2 30 V Dual N-Channel NexFET??Power MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87502Q2 Datasheet(HTML) 3 Page - Texas Instruments

  CSD87502Q2 Datasheet HTML 1Page - Texas Instruments CSD87502Q2 Datasheet HTML 2Page - Texas Instruments CSD87502Q2 Datasheet HTML 3Page - Texas Instruments CSD87502Q2 Datasheet HTML 4Page - Texas Instruments CSD87502Q2 Datasheet HTML 5Page - Texas Instruments CSD87502Q2 Datasheet HTML 6Page - Texas Instruments CSD87502Q2 Datasheet HTML 7Page - Texas Instruments CSD87502Q2 Datasheet HTML 8Page - Texas Instruments CSD87502Q2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CSD87502Q2
www.ti.com
SLPS560 – DECEMBER 2015
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, ID = 250 μA
30
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 24 V
1
μA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 20 V
4
μA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250 μA
1.2
1.6
2.0
V
VGS = 3.8 V, ID = 4 A
42.0
60.0
m
Ω
RDS(on)
Drain-to-source on-resistance
VGS = 4.5 V, ID = 4 A
35.5
42.0
m
Ω
VGS = 10 V, ID = 4 A
27.0
32.4
m
Ω
gfs
Transconductance
VDS = 3 V, ID = 4 A
75
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
272
353
pF
Coss
Output capacitance
VGS = 0 V, VDS = 15 V, ƒ = 1 MHz
42
55
pF
Crss
Reverse transfer capacitance
22
29
pF
RG
Series gate resistance
6.9
Ω
Qg
Gate charge total (4.5 V)
2.2
2.9
nC
Qg
Gate charge total (10 V)
4.6
6.0
nC
Qgd
Gate charge gate to drain
VDS = 15 V, ID = 4 A
0.5
nC
Qgs
Gate charge gate to source
1.0
nC
Qg(th)
Gate charge at Vth
0.5
nC
Qoss
Output charge
VDS = 15 V, VGS = 0 V
1.4
nC
td(on)
Turn on delay time
3
ns
tr
Rise time
11
ns
VDS = 15 V, VGS = 5 V,
IDS = 4 A, RG = 0 Ω
td(off)
Turn off delay time
12
ns
tf
Fall time
3
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 4 A, VGS = 0 V
0.85
1.0
V
Qrr
Reverse recovery charge
4.0
nC
VDS= 15 V, IF = 4 A,
di/dt = 300 A/
μs
trr
Reverse recovery time
6.4
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
Junction-to-ambient thermal resistance(1)
70
RθJA
°C/W
Junction-to-ambient thermal resistance(2)
185
(1)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD87502Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com