Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMM0205D12 Datasheet(PDF) 2 Page - XP Power Limited

Part # IMM0205D12
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IMM0205D12 Datasheet(HTML) 2 Page - XP Power Limited

  IMM0205D12 Datasheet HTML 1Page - XP Power Limited IMM0205D12 Datasheet HTML 2Page - XP Power Limited IMM0205D12 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IMM02 Series
www.xppower.com
2
DC-DC Converter
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
3.3
15
VDC
See Models and Ratings table
Initial Set Accuracy
±2
%
Minimum Load
0%
Line Regulation
±0.5
%
Load Regulation
2.0
%
From 0% to full load
Cross Regulation
±5
%
On dual output models, when one output is at 25% load
and other is varied from 10% load to full load
Ripple & Noise
1
% pk-pk
20 MHz bandwidth. Measured using 0.1 µF ceramic capacitor
Short Circuit Protection
Continuous fold-back mode, with auto recovery
Maximum Capacitive Load
See Models and Ratings table
Temperature Coefficient
0.03
%/ ˚C
Overload Protection
135
165
210
%
Of nominal output current at nominal input voltage
Remote On/Off
Output is on if remote on/off (pin 3) is open
Output turns off if remote on/off (pin 3) is high (4.0-5.5 VDC max) or if 2-4 mA is applied.
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
4.5
9
VDC
5 V nominal
9
18
VDC
12 V nominal
Inrush Current
0.05
A2s
Input Reflected Ripple Current
30
mA pk-pk
Through 12 µH inductor and 47 µF capacitor
Input Surge
16
VDC for 100 ms
5 V models
25
VDC for 100 ms
12 V models
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
64
78
79
%
Typical value is for IMM0212S12
Isolation: Input to Output
1500
VAC
At 250 VAC working voltage, 1 MOPP
Switching Frequency
175
1000
kHz
May enter burst mode frequency of 12-28 kHz at light load
Isolation Resistance
109
Ω
Isolation Capacitance
27
pF
Power Density
14
W/in3
Mean Time Between Failure
1
MHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.009 (4.2)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-20
+100
°C
Derate from 100% load at +60 °C to 50% at +80 °C
Storage Temperature
-40
+125
°C
Case Temperature
+105
°C
Humidity
95
%RH
Non-condensing
Cooling
Natural convection



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com