Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCS350PS24 Datasheet(PDF) 7 Page - XP Power Limited

Part # GCS350PS24
Description  AC-DC Power Supplies 150/180/250/350 Watts
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GCS350PS24 Datasheet(HTML) 7 Page - XP Power Limited

Back Button GCS350PS24 Datasheet HTML 3Page - XP Power Limited GCS350PS24 Datasheet HTML 4Page - XP Power Limited GCS350PS24 Datasheet HTML 5Page - XP Power Limited GCS350PS24 Datasheet HTML 6Page - XP Power Limited GCS350PS24 Datasheet HTML 7Page - XP Power Limited GCS350PS24 Datasheet HTML 8Page - XP Power Limited GCS350PS24 Datasheet HTML 9Page - XP Power Limited GCS350PS24 Datasheet HTML 10Page - XP Power Limited GCS350PS24 Datasheet HTML 11Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
GCS Series
AC-DC Power Supplies
www.xppower.com
Mechanical Details
Notes
1. All dimensions in inches (mm).
2. Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
3. Weight: 0.65 lbs (0.29 kg)
4. J1 mates with Molex Housing Pn. 09-50-1031. J2 mates with Molex
Housing Pn. 09-50-1061 and both with Molex series 5194 crimp
terminals. J4 mates with JST Housing Pn. PHDR-10VS and with JST
SPHD-001T-P0.5 crimp terminals. J3 mates with Molex Housing Pn.
51191-0200 and with Molex series 50802 crimp terminals.
5.0 (127.0)
4.5 (115.57)
0.225 (5.72)
0.20 (5.1)
Note: Mounting points A should be connected
together for optimum EMI performance
1.42
(36.3)
2.40
(61.0)
3.00
(76.2)
2.15
(54.6)
L3
A
C6
Q3
T1
C23
C45
A
A
Q1
2.55
(64.7)
1.18
(29.8)
0.61
(15.6)
0.14 (3.5)
0.20 (5.1)
0.225 (5.72)
0.25 Faston Ground Tab
4 x 0.156 (3.96) mounting holes
ø.312 (7.92) clearance top and bottom
0.18 (4.6)
0.15 (3.8)
SMD Component Height
AIRFLOW
5.0 (127.0)
4.5 (115.57)
0.225 (5.72)
0.20 (5.1)
Note: Mounting points A should be connected
together for optimum EMI performance
1.42
(36.3)
2.40
(61.0)
3.00
(76.2)
2.15
(54.6)
L3
A
C6
Q3
T1
C23
C45
A
Q1
2.55
(64.7)
1.18
(29.8)
0.61
(15.6)
0.14 (3.5)
0.20 (5.1)
0.225 (5.72)
0.25 Faston Ground Tab
4 x 0.156 (3.96) mounting holes
ø.312 (7.92) clearance top and bottom
0.18 (4.6)
0.15 (3.8)
SMD Component Height
AIRFLOW
Output Connector J2
Molex pn. 09-65-2068
Pin
Single Output
1
+V1
2
+V1
3
+V1
4
RTN
5
RTN
6
RTN
Input Connector J1
Molex pn. 09-65-2038
Pin
Function
1
Line
2
Neutral
Signal Connector J4
JST PN B10B-PHDSS
Pin
Single Output
1
+Sense
2
-Sense
3
XP Internal Use
4
Inhibit LO
5
Inhibit HI
6
N/C
7
N/C
8
N/C
9
N/C
10
N/C
Fan Connector J3
Molex pn. 22-04-1021
Pin
Function
1
Fan +(12 V)
2
Fan -
GCS150
GCS180
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com