Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F64 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F64
Description  4-2-3-2-Input AND-OR-Invert Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F64 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F64 Datasheet HTML 1Page - National Semiconductor (TI) 74F64 Datasheet HTML 2Page - National Semiconductor (TI) 74F64 Datasheet HTML 3Page - National Semiconductor (TI) 74F64 Datasheet HTML 4Page - National Semiconductor (TI) 74F64 Datasheet HTML 5Page - National Semiconductor (TI) 74F64 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF9467
November 1994
54F74F64
4-2-3-2-Input AND-OR-Invert Gate
General Description
This device contains gates configured to perform a 4-2-3-2
input AND-OR-INVERT function
Commercial
Military
Package
Package Description
Number
74F64PC
N14A
14-Lead (0300 Wide) Molded Dual-In-Line
54F64DM (Note 2)
J14A
14-Lead Ceramic Dual-In-Line
74F64SC (Note 1)
M14A
14-Lead (0150 Wide) Molded Small Outline JEDEC
54F64FM (Note 2)
W14B
14-Lead Cerpack
54F64LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbol
IEEEIEC
TLF9467 – 3
Connection Diagrams
Pin Assignment for
DIP SOIC and Flatpak
TLF9467 – 2
Pin Assignment
for LCC
TLF9467 – 1
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
An Bn Cn Dn
Inputs
1010
20 mA b06 mA
O
Output
50333
b
1 mA20 mA
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 74F64

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F64 PHILIPS-74F64 Datasheet
72Kb / 8P
4-2-3-2-input AND-OR-invert gate
1996 Mar 14
logo
Fairchild Semiconductor
74F64 FAIRCHILD-74F64 Datasheet
48Kb / 4P
4-2-3-2-Input AND-OR-Invert Gate
logo
NXP Semiconductors
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
Octal bus transceiver, inverting 3-State
1989 Nov 27
logo
Fairchild Semiconductor
74F640 FAIRCHILD-74F640 Datasheet
54Kb / 6P
Octal Bus Transceiver with 3-STATE Outputs
74F640PC FAIRCHILD-74F640PC Datasheet
54Kb / 6P
Octal Bus Transceiver with 3-STATE Outputs
More results

Similar Description - 74F64

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS54 MOTOROLA-SN54LS54 Datasheet
48Kb / 2P
3-2-2-3-INPUT AND-OR-INVERT GATE
SN54LS55 MOTOROLA-SN54LS55 Datasheet
46Kb / 2P
2-WIDE 4-INPUT AND-OR-INVERT GATE
logo
NXP Semiconductors
74F64 PHILIPS-74F64 Datasheet
72Kb / 8P
4-2-3-2-input AND-OR-invert gate
1996 Mar 14
HEF4086B PHILIPS-HEF4086B Datasheet
41Kb / 5P
4-wide 2-input AND-OR-invert gate
January 1995
logo
Fairchild Semiconductor
74F64 FAIRCHILD-74F64 Datasheet
48Kb / 4P
4-2-3-2-Input AND-OR-Invert Gate
logo
Hitachi Semiconductor
HD74HC51 HITACHI-HD74HC51 Datasheet
46Kb / 8P
2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
logo
National Semiconductor ...
DM74LS54 NSC-DM74LS54 Datasheet
109Kb / 6P
4-WIDE, 2-Input AND-OR-INVERT Gate
DM74LS55 NSC-DM74LS55 Datasheet
112Kb / 6P
2-Wide, 4-Input AND-OR-INVERT Gate
54LS54 NSC-54LS54 Datasheet
52Kb / 2P
4-WIDE, 2-INPUT AND-OR-INVERT GATE
logo
Renesas Technology Corp
HD74HC51 RENESAS-HD74HC51 Datasheet
90Kb / 7P
2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com