Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F676SC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F676SC
Description  16-Bit Serial/Parallel-In, Serial-Out Shift Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F676SC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74F676SC Datasheet HTML 1Page - National Semiconductor (TI) 74F676SC Datasheet HTML 2Page - National Semiconductor (TI) 74F676SC Datasheet HTML 3Page - National Semiconductor (TI) 74F676SC Datasheet HTML 4Page - National Semiconductor (TI) 74F676SC Datasheet HTML 5Page - National Semiconductor (TI) 74F676SC Datasheet HTML 6Page - National Semiconductor (TI) 74F676SC Datasheet HTML 7Page - National Semiconductor (TI) 74F676SC Datasheet HTML 8Page - National Semiconductor (TI) 74F676SC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
fmax
Maximum Clock Frequency
100
110
45
90
MHz
tPLH
Propagation Delay
45
90
110
45
170
45
120
ns
tPHL
CP to SO
50
90
125
50
145
50
135
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
40
40
40
ts(L)
SI to CP
40
40
40
ns
th(H)
Hold Time HIGH or LOW
40
40
40
th(L)
SI to CP
40
40
40
ts(H)
Setup Time HIGH or LOW
30
30
30
ts(L)
Pn to CP
30
30
30
ns
th(H)
Hold Time HIGH or LOW
40
40
40
th(L)
Pn to CP
40
40
40
ts(H)
Setup Time HIGH or LOW
80
80
80
ts(L)
MtoCP
80
80
80
ns
th(H)
Hold Time HIGH or LOW
20
20
20
th(L)
MtoCP
20
20
20
ts(L)
Setup Time LOW
100
120
100
CS to CP
ns
th(H)
Hold Time HIGH
100
100
100
CS to CP
tw(H)
CP Pulse Width
40
50
40
ns
tw(L)
HIGH or LOW
60
90
60
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com