Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM313 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM313
Description  Reference Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM313 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM313 Datasheet HTML 2Page - Texas Instruments LM313 Datasheet HTML 3Page - Texas Instruments LM313 Datasheet HTML 4Page - Texas Instruments LM313 Datasheet HTML 5Page - Texas Instruments LM313 Datasheet HTML 6Page - Texas Instruments LM313 Datasheet HTML 7Page - Texas Instruments LM313 Datasheet HTML 8Page - Texas Instruments LM313 Datasheet HTML 9Page - Texas Instruments LM313 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LM113, LM313
SNVS747A – SEPTEMBER 2011 – REVISED MAY 2013
www.ti.com
TYPICAL APPLICATIONS
Figure 13. Amplifier Biasing for Constant Gain with Temperature
Figure 14. Constant Current Source
Adjust for 0V at 0°C
Adjust for 100 mV/°C
Figure 15. Thermometer
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM113 LM313



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com