Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4935G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4935G
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4935G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4935G Datasheet HTML 5Page - Infineon Technologies AG TLE4935G Datasheet HTML 6Page - Infineon Technologies AG TLE4935G Datasheet HTML 7Page - Infineon Technologies AG TLE4935G Datasheet HTML 8Page - Infineon Technologies AG TLE4935G Datasheet HTML 9Page - Infineon Technologies AG TLE4935G Datasheet HTML 10Page - Infineon Technologies AG TLE4935G Datasheet HTML 11Page - Infineon Technologies AG TLE4935G Datasheet HTML 12Page - Infineon Technologies AG TLE4935G Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TLE 4905 G; TLE 4935 G
TLE 4935-2 G; TLE 4945-2 G
Data Sheet
11
2000-07-01
Quiescent Current Difference
versus Temperature
Quiescent Current versus
Junction Temperature
Saturation Voltage versus
Output Current
TLE 4905 Operate-and Release-Point
versus Junction Temperature
If not otherwise specified, all curves reflect typical values at
T
j =25 °C and VS =12V
AED01459
-40
∆Ι
S
0
50
100
200
0.25
0.5
0.75
1.0
mA
Ι
Q = 40 mA
150 ˚C
S
∆
SLow
Ι
SHigh
Ι
Tj
Ι
0
=-
AED01249
0
2
4
6
8
V
Q = High
mA
Ι
S
-50
0
50
100
200
V
S = 24 V
= 4.0 V
S
V
C
T
j
AED02919
0
Ι
V
Q
20
40
60
100
0.2
V
Q
mA
0.4
0.6
0.8
1.0
1.2
= -40 ˚C
= 125 ˚C
Tj
Tj
0
4.0 V
S
_
<V
24 V
_
<
AED02912
0
mT
B
-40
T
˚C
j
5
10
15
20
25
0
50
100
200
BOPmax
RPmax
B
BOPtyp
RPtyp
B
BOPmin
RPmin
B
4.0 V
S
_
<V
24 V
_
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com