Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4935L Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4935L
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4935L Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4935L Datasheet HTML 7Page - Infineon Technologies AG TLE4935L Datasheet HTML 8Page - Infineon Technologies AG TLE4935L Datasheet HTML 9Page - Infineon Technologies AG TLE4935L Datasheet HTML 10Page - Infineon Technologies AG TLE4935L Datasheet HTML 11Page - Infineon Technologies AG TLE4935L Datasheet HTML 12Page - Infineon Technologies AG TLE4935L Datasheet HTML 13Page - Infineon Technologies AG TLE4935L Datasheet HTML 14Page - Infineon Technologies AG TLE4935L Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
TLE 4905 L; TLE 4935 L;
TLE 4935-2 L; TLE 4945 L; TLE 4945-2L
Data Sheet
15
2000-07-01
Package Outline
P-SSO-3-2
(
Plastic Single Small Outline Package)
±0.3
13
±0.3
±0.25
6.35 ±0.4
1.27
12.7
4
1.9max
±0.05
0.4
+0.13
4.06
12.7 ±1
0.5 ±0.1
-0.15
Tape
0.25
Adhesive Tape
1.52
0.79
+0.1
0.2
±0.05
Sorts of Packing
Package outlines for tubes, trays etc. are contained in our
Data Book “Package Information”.
Dimensions in mm
P-SSO-3-2 : 0.57
d : Distance chip to upper side of IC
mm
±0.08
AEA02510
Hall-Probe
Branded Side
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com