Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4913 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4913
Description  Low Power Hall Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4913 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4913 Datasheet HTML 4Page - Infineon Technologies AG TLE4913 Datasheet HTML 5Page - Infineon Technologies AG TLE4913 Datasheet HTML 6Page - Infineon Technologies AG TLE4913 Datasheet HTML 7Page - Infineon Technologies AG TLE4913 Datasheet HTML 8Page - Infineon Technologies AG TLE4913 Datasheet HTML 9Page - Infineon Technologies AG TLE4913 Datasheet HTML 10Page - Infineon Technologies AG TLE4913 Datasheet HTML 11Page - Infineon Technologies AG TLE4913 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Data Sheet
12
V 2.2, 2004-03-09
TLE4913
Revision History:
2004-03-09
V 2.2
Previous Version:
2003-07-16
Page
Subjects (major changes since last revision)
4
ESD Level adapted to ±4 kV
For questions on technology, delivery and prices please contact the Infineon Technologies
Offices in Germany or the Infineon Technologies Companies and Representatives
worldwide: see our webpage at http://www.infineon.com
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
feedback.sensors@infineon.com
Edition 2002-08-22
Published by Infineon Technologies AG
St.-Martin-Strasse 53
D-81541 München
© Infineon Technologies AG 2000
All Rights Reserved.
Attention please!
The information herein is given to describe certain components and shall not be considered as warranted characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions
and charts stated herein.
Infineon Technologiesis an approved CECC manufacturer.
Information
For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies
Office in Germany or our Infineon Technologies Representatives worldwide (see address list).
Warnings
Due to technical requirements components may contain dangerous substances. For information on the types in question please
contact your nearest Infineon Technologies Office.
Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon
Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or
to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the
human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health
of the user or other persons may be endangered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com