Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5R-VC12 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PS5R-VC12
Description  Switching Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS5R-VC12 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PS5R-VC12 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS5R-VC12 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS5R-VC12 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS5R-VC12 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS5R-VC12 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS5R-VC12 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS5R-VC12 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
PS5R-VB/VC
PS5R-VD/VF
L
INPUT 50/60Hz
VR.
ADJ
DC ON
N
-V
OUTPUT
+V
100-240VAC
INPUT
VR.
ADJ
ON
OUTPUT
L
INPUT 50/60Hz
VR.
ADJ
DC ON
N
-V
OUTPUT
+V
100-240VAC
INPUT
VR.
ADJ
ON
OUTPUT
Operating Temperature Approved by Safety Standards
Part Number
UL508, CSA C22.2 No.107.1, ANSI/ISA12.12.01, EN60950-1, EN50178
Mounting A
Mounting B
Mounting C
Mounting D
Mounting E
Mounting F
PS5R-VB05, -VB12, -VB24
65
60
60
60
60
60
PS5R-VC12
50
45
45
45
45
45
PS5R-VC24
55
55
50
45
45
45
PS5R-VD24
55
40
40
40
45
35
PS5R-VF24
55
40
45
40
45
35
Mounting Style
Mounting A
(Vertical, standard)
Mounting B
(Upright)
Mounting C
(Left side up)
Mounting D
(Right side up)
Mounting E
(Upside down)
Mounting F
(Downward)
Up
Overcurrent Protection Characteristics
-30 0
100
105 and over
0
100
Output Current (%)
Marking
Name
Description
L, N
AC Input Terminal
Voltage range: 85 to 264V AC/100 to 370V DC
Ground Terminal
Be sure to connect this terminal to a proper ground.
+V, –V
DC Output Terminals
+V: Positive output terminal
–V: Negative output terminal
VR.ADJ
Output Voltage Adjustment
Allows adjustment within ±10%.
Turning clockwise increases the output voltage.
Turning counterclockwise decreases the output voltage.
DC ON
Operation Indicator (green)
Illuminates when the output voltage is on.
PS5R-VC12
PS5R-VD24
PS5R-VF24
PS5R-VC24
Mounting A
Mounting B, C, D, E, F
Mounting E
-30 -20 -10 0
10 20 30 40 50 60 70 80
0
10
20
30
40
50
60
70
80
90
100
-30 -20 -10 0
10 20 30 40 50 60 70 80
0
10
20
30
40
50
60
70
80
90
100
Input Voltage:
85-100V AC
Input Voltage:
85-100V AC
Mounting F
Mounting F
Mounting A
Mounting A, B
Mounting C
Mounting B, C, D, E, F
Mounting D, E, F
Input Voltage:
85-100V AC
Input Voltage:
85-100V AC
-30 -20 -10 0
10 20 30 40 50 60 70 80
0
10
20
30
40
50
60
70
80
90
100
-30 -20 -10 0
10 20 30 40 50 60 70 80
0
10
20
30
40
50
60
70
80
90
100
Mounting B, C, D
Mounting A
Mounting C, E
-30 -20 -10 0
10 20 30 40 50 60 70 80
0
10
20
30
40
50
60
70
80
90
100
Mounting B, D
Mounting A
Operating Temperature (˚C)
Operating Temperature (˚C)
Operating Temperature (˚C)
Operating Temperature (˚C)
Operating Temperature (˚C)
PS5R-VB05, -VB12, -VB24
CHARACTERISTICS
Operating Temperature vs. Output Current (Derating Curves)
Conditions: Natural air cooling (Operating temperature is the temperature around the switching power supply.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com