Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5R-VC24 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PS5R-VC24
Description  Switching Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS5R-VC24 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PS5R-VC24 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS5R-VC24 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS5R-VC24 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS5R-VC24 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS5R-VC24 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS5R-VC24 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS5R-VC24 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Installing a Panel Mounting Bracket
Latch
Latch
LOCK
LOCK
Panel Mounting Bracket (PS9Z-5R1 )
Panel Mounting Bracket (PS9Z-5R2B)
Power
Supply
Power
Supply
Tab
Tab
Slot
<Installing PS9Z-5R1 Panel Mounting Bracket>
<Installing PS9Z-5R2B Panel Mounting Bracket>
LOCK
UNLOCK
LOCK
UNLOCK
Push in the latch to LOCK
position.
Install the tab on the panel
mounting bracket into the
slot on the power supply.
Install the brackets as
shown on the left.
Ensure that the panel
mounting bracket is locked
by the latch.
Pull out the latch to
UNLOCK position.
Insert the tab on the panel
mounting bracket into the
slot on the power supply.
Push in the latch to LOCK
position.
Ensure that the panel
mounting bracket is locked
by the latch.
Adjustment of Output Voltage
The output voltage can be adjusted within ±10% of the rated output voltage by using the
VR.ADJ control on the front. Turning the VR.ADJ clockwise increases the output voltage. Turning
the VR.ADJ counterclockwise decreases the output voltage.
Overcurrent Protection
The output voltage drops automatically when an overcurrent flows due to an overload or short
circuit. Normal voltage is automatically restored when the load returns to normal conditions.
Notes for Operation
• Output interruption may indicate blown fuses. Contact IDEC.
• The PS5R-V switching power supply contains an internal fuse for AC input. When using
DC input, install an external fuse. To avoid blown fuses, select a fuse in consideration of
the rated current of the internal fuse.
Rated Current of Internal Fuses
Part Number
Internal Fuse
Rated Current
PS5R-VB/VC
2A
PS5R-VD/VF
4A
• Avoid overload and short-circuit for a long period of time, otherwise the internal elements
may be damaged.
• DC input operation is not subject to safety standards.
Rust and Scratches on Metal parts
Bonded metal parts are used for the PS5R-V. Rust on the edge and scratches on the surfaces
may be developed depending on the storage condition, but the performance of the PS5R-V is not
affected.
Noise
Small acoustic noise inside the PS5R-V may be heard depending on the input voltage and load,
but the performance of the PS5R-V is not affected.
OPERATING INSTRUCTIONS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com