Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4941C Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4941C
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4941C Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4941C Datasheet HTML 3Page - Infineon Technologies AG TLE4941C Datasheet HTML 4Page - Infineon Technologies AG TLE4941C Datasheet HTML 5Page - Infineon Technologies AG TLE4941C Datasheet HTML 6Page - Infineon Technologies AG TLE4941C Datasheet HTML 7Page - Infineon Technologies AG TLE4941C Datasheet HTML 8Page - Infineon Technologies AG TLE4941C Datasheet HTML 9Page - Infineon Technologies AG TLE4941C Datasheet HTML 10Page - Infineon Technologies AG TLE4941C Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TLE4941, TLE4941C
TLE4941 - TLE 4941C Data Sheet
Febrary 2002
7
Output Description
Under ideal conditions, the output shows a duty cycle of 50 %. Under real conditions,
the duty cycle is determined by the mechanical dimensions of the target wheel and
its tolerances. (40% to 60% might be exceeded for pitch >> 5mm due to the zero-
crossing principle.)
Speed signal sensor internal
Transferred speed signal
Figure 3
Speed Signal (half a period = 0.5 * 1/fspeed)
t1
T
tr
tf
I
IHigh
ILow
t
90%
50%
10%
Figure 4
Definition of rise and fall time, duty = t1/T * 100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com