Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHD5980 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # RHD5980
Description  RadHard-by-Design RHD5980 Octal Bus Transceiver Bidirectional Voltage Level Shifter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5980 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  RHD5980 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5980 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5980 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5980 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5980 Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SCD5980 Rev A 4/29/14
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS
Parameter
Range
Units
Case Operating Temperature Range
-55 to +125
°C
Storage Temperature Range
-65 to +150
°C
Junction Temperature
+150
°C
Supply Voltage
+VCCA, +VCCB
+6.0
V
Input Voltage
VCC +0.4
GND -0.4
V
V
Lead Temperature (soldering, 10 seconds)
300
°C
ESD Rating (MIL-STD-883, Method 3015, Class 2)
2,000 - 3,999
V
Power @ 25°C
250
mW
Thermal Resistance, Junction-to-Case,
JC
5°C/W
NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress rating only;
functional operation beyond the “Operation Conditions” is not recommended and extended exposure beyond the “Operation Conditions” may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Typical
Units
+VCCA, +VCCB
Power Supply Voltage
3.3 to 5.0
V
ELECTRICAL PERFORMANCE CHARACTERISTICS
(TC = -55°C TO +125°C, VCCA = 5.5 V, VCCB = 3.6 V -- UNLESS OTHERWISE SPECIFIED)
Parameter
Symbol
Conditions
Min
Max
Units
PORT A
Quiescent Supply Current
ICCA
VIN = 5.5 V or GND, No Load
20
uA
Quiescent Supply Current
Delta
ICCA
One input at 3.4 V,
Other inputs at 5.5 V or GND
1.5
mA
High Level Output Voltage
VOH
IOH = -100 uA
VCCA = 4.5 V
4.3
V
VCCA = 5.5 V
5.3
IOH = -12 mA
VCCA = 4.5 V
3.7
VCCA = 5.5 V
4.7
Low Level Output Voltage
VOL
IOL = 100 uA
VCCA = 4.5 V
0.2
V
VCCA = 5.5 V
0.2
IOL = 12 mA
VCCA = 4.5 V
0.55
VCCA = 5.5 V
0.55
Three-state I/O Leakage
Current High 3/
IIOH
VIN = 5.5 V
-500
500
nA
Three-state I/O Input
Leakage Current Low 3/
IIOL
VIN = GND
-500
500
nA
Input Capacitance 2/CIN
Control inputs, VIN = VCCA = open or GND
5 TYP
pF
Input/Output Capacitance 2/CIO
VO = 5.0 V or GND
11 TYP
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com