Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6220 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE6220
Description  Smart Quad Low-Side Switch???
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6220 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE6220 Datasheet HTML 1Page - Infineon Technologies AG TLE6220 Datasheet HTML 2Page - Infineon Technologies AG TLE6220 Datasheet HTML 3Page - Infineon Technologies AG TLE6220 Datasheet HTML 4Page - Infineon Technologies AG TLE6220 Datasheet HTML 5Page - Infineon Technologies AG TLE6220 Datasheet HTML 6Page - Infineon Technologies AG TLE6220 Datasheet HTML 7Page - Infineon Technologies AG TLE6220 Datasheet HTML 8Page - Infineon Technologies AG TLE6220 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Data Sheet TLE 6220 GP
V1.1
Page
26.Aug. 2002
2
Pin Description
Pin Configuration (Top view)
Pin
Symbol
Function
1
GND
Ground
2
IN2
Input Channel 2
3
OUT1
Power Output Channel 1
4
VS
Supply Voltage
5
RESET
Reset
6
CS
Chip Select
7
PRG
Program (inputs high or low active)
8
OUT2
Power Output Channel 2
9
IN1
Input Channel 1
10
GND
Ground
11
GND
Ground
12
IN4
Input Channel 4
13
OUT3
Power Output Channel 3
14
FAULT
General Fault Flag
15
SO
Serial Data Output
16
SCLK
Serial Clock
17
SI
Serial Data Input
18
OUT4
Power Output Channel 4
19
IN3
Input Channel 3
20
GND
Ground
Heat slug internally connected to ground pins
GND
1
•
20
GND
IN2
2
19
IN3
OUT1
3
18 OUT4
VS
4
17
SI
RESET
516 SCLK
CS
615
SO
PRG
7
14 FAULT
OUT2
8
13 OUT3
IN1
9
12
IN4
GND
10
11
GND
Power SO-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com