Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6228 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6228
Description  Smart Quad Channel Low-Side Switch?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6228 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6228 Datasheet HTML 1Page - Infineon Technologies AG TLE6228 Datasheet HTML 2Page - Infineon Technologies AG TLE6228 Datasheet HTML 3Page - Infineon Technologies AG TLE6228 Datasheet HTML 4Page - Infineon Technologies AG TLE6228 Datasheet HTML 5Page - Infineon Technologies AG TLE6228 Datasheet HTML 6Page - Infineon Technologies AG TLE6228 Datasheet HTML 7Page - Infineon Technologies AG TLE6228 Datasheet HTML 8Page - Infineon Technologies AG TLE6228 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
D a tash eet T L E 6228 G P
V3.1
Page
26. Aug. 2002
1
Smart Quad Channel Low-Side Switch
Features
Product Summary
• Shorted Circuit Protection
• Overtemperature Protection
• Overvoltage Protection
• Parallel Control of the Inputs (PWM Applications)
• Seperate Diagnostic Pin for Each Channel
• Power - SO 20 - Package with integrated
cooling area
• Standby mode with low current consumption
• µC compatible Input
• Electrostatic Discharge (ESD) Protection
Application
• All kinds of resistive and inductive loads (relays,electromagnetic valves)
• µC compatible power switch for 12 and 24 V applications
• Solenoid control switch in automotive and industrial control systems
• Robotic Controls
General description
Quad channel Low-Side-Switch (2x5A/2x3A) in Smart Power Technology (SPT) with four separate in-
puts and four open drain DMOS output stages. The TLE 6228 GP is fully protected by embedded pro-
tection functions and designed for automotive and industrial applications. Each channel has its own
status signal for diagnostic feedback. Therefore the TLE 6228 GP is particularly suitable for ABS or
Powertrain Systems.
Block Diagram
Supply voltage
VS
4.8 - 32 V
Drain source voltage
VDS(AZ)max
60
V
On resistance
RON 1,2
0.23
Ω
RON 3,4
0.28
Ω
Output current
ID 1,2 (max)
2 x 5
A
ID 3,4 (max)
2 x 3
A
P-DSO-20-12
Ordering Code:
Q67006-A9364
Output Stage
Gate Control
LOGIC
ST1
ST2
4
GND
VS
ST3
1
4
IN1
IN2
IN3
IN4
OUT1
OUT4
STBY
VBB
as Ch. 1
as Ch. 1
as Ch. 1
GND
normal function
SCB / overload
overtemperature
open load/sh. to gnd
as ST 1
as ST 1
as ST 1
ST4
ENA


Similar Part No. - TLE6228

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6228 INFINEON-TLE6228 Datasheet
1Mb / 19P
Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE6228GP INFINEON-TLE6228GP_10 Datasheet
1Mb / 19P
Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE6228 INFINEON-TLE6228_10 Datasheet
1Mb / 19P
Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
More results

Similar Description - TLE6228

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE5216G SIEMENS-TLE5216G Datasheet
88Kb / 17P
Smart Quad Channel Low-Side Switch
TLE5226G SIEMENS-TLE5226G Datasheet
196Kb / 13P
Smart Quad Channel Low-Side Switch
logo
Infineon Technologies A...
TLE6220GP INFINEON-TLE6220GP Datasheet
739Kb / 17P
Smart Quad Low-Side Switch???
V1.1 26.Aug. 2002
TLE6216G INFINEON-TLE6216G Datasheet
267Kb / 17P
Smart Quad Channel Low-Side Switch
V7.1 18.10.02
TLE6217G INFINEON-TLE6217G Datasheet
207Kb / 20P
Smart Quad Channel Low-Side Switch
V5 30. 07. 2002
Q67006-A9315 INFINEON-Q67006-A9315 Datasheet
740Kb / 17P
Smart Quad Low-Side Switch
V1.1 26.Aug. 2002
TLE6228GP INFINEON-TLE6228GP_10 Datasheet
1Mb / 19P
Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE6228 INFINEON-TLE6228_10 Datasheet
1Mb / 19P
Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE6217G INFINEON-TLE6217G_08 Datasheet
391Kb / 19P
Smart Quad Channel Low-Side Switch
Rev. 6.1, 2008-04
TLE6220GP INFINEON-TLE6220GP_09 Datasheet
378Kb / 19P
Smart Quad Low-Side Switch
V2.2 2009-11-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com