Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS85 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS85
Description  4-Bit Comparators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS85 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS85 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS85 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS85 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS85 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS85 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS85 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS85 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS85 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS85 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Standard Products
UT54ACS85/UT54ACTS85
4-Bit Comparators
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 16-pin DIP
- 16-lead flatpack
UT54ACS85 - SMD 5962-96536
UT54ACTS85 - SMD 5962-96537
DESCRIPTION
The UT54ACS85 and the UT54ACTS85 are 4-bit magnitude
comparators that perform comparison of straight binary and
straight BCD (8-4-2-1) codes. Three fully decoded decisions
about two 4-bit words (A, B) are made and are externally avail-
able at three outputs. Devices are fully expandable to any num-
ber of bits without external gates. The cascading paths of the
devices are implemented with only a two-gate-level delay to
reduce overall comparison times for long words. An alternate
method of cascading which further reduces the comparison time
is shown in the typical application data.
The devices are characterized over full military temperature
range of -55
°C to +125°C.
LOGIC SYMBOL
PINOUTS
16-Pin DIP
Top View
16-Lead Flatpack
Top View
(5)
(A>B)OUT
(10)
A0
(12)
A1
(13)
A2
0
(6)
(A=B)OUT
(7)
(A<B)OUT
COMP
<
=
>
A
(15)
A3
(2)
(A<B)IN
(3)
(A=B)IN
(4)
(A>B)IN
(9)
B0
(11)
B1
(14)
B2
(1)
B3
3
<
=
>
0
B
3
Note:
1. Logic symbol in accordance with ANSI/IEEE standard 91-1984 and IEC
Publication 617-12.
1
2
3
4
5
7
6
16
15
14
13
12
10
11
B3
(A<B)IN
(A=B)IN
(A>B)IN
(A>B)OUT
(A=B)OUT
(A<B)OUT
VDD
A3
B2
A2
A1
B1
A0
8
9
VSS
B0
1
2
3
4
5
7
6
16
15
14
13
12
10
11
VDD
B3
(A<B)IN
(A=B)IN
(A>B)IN
(A>B)OUT
(A=B)OUT
(A<B)OUT
A3
B2
A2
A1
B1
A0
VSS
B0
89


Similar Part No. - UT54ACTS85

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACTS86 AEROFLEX-UT54ACTS86 Datasheet
229Kb / 9P
Quadruple 2-Input Exclusive OR Gates
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
9-bit Latchable Transceiver with Parity Generator/Checker
More results

Similar Description - UT54ACTS85

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS682 MOTOROLA-SN54LS682 Datasheet
216Kb / 6P
8-BIT MAGNITUDE COMPARATORS
logo
National Semiconductor ...
54LS85 NSC-54LS85 Datasheet
155Kb / 8P
4-Bit Magnitude Comparators
logo
Texas Instruments
SN5485 TI-SN5485 Datasheet
322Kb / 8P
4-BIT MAGNITUDE COMPARATORS
SN54AS885 TI-SN54AS885 Datasheet
153Kb / 9P
8-BIT MAGNITUDE COMPARATORS
SN54HC682 TI-SN54HC682 Datasheet
273Kb / 9P
8-BIT MAGNITUDE COMPARATORS
logo
Hitachi Semiconductor
HD74LS85 HITACHI-HD74LS85 Datasheet
92Kb / 7P
4-bit Magnitude Comparators
logo
National Semiconductor ...
DM7485 NSC-DM7485 Datasheet
143Kb / 6P
4-Bit Magnitude Comparators
logo
Texas Instruments
SN74LS85NSR TI1-SN74LS85NSR Datasheet
658Kb / 10P
4-BIT MAGNITUDE COMPARATORS
54LS85 TI1-54LS85 Datasheet
405Kb / 10P
4-Bit Magnitude Comparators
SN5485 TI1-SN5485_12 Datasheet
658Kb / 10P
4-BIT MAGNITUDE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com