Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS86 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS86
Description  Quadruple 2-Input Exclusive OR Gates
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS86 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS86 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS86 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS86 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS86 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS86 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS86 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS86 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS86 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS86 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Standard Products
UT54ACS86/UT54ACTS86
Quadruple 2-Input Exclusive OR Gates
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 14-pin DIP
- 14-lead flatpack
UT54ACS86 - SMD 5962-96538
UT54ACTS86 - SMD 5962-96539
DESCRIPTION
The UT54ACS86 and the UT54ACTS86 are quadruple 2-input
exclusive OR gates. The devices perform the Boolean function
Y = A
⊕B = AB + AB in positive logic.
An application is as a true/complement element. If one of the
inputs is low, the other input will be reproduced in true form at
the output. If one of the inputs is high, the signal on the other
input will be reproduced inverted at the output.
The devices are characterized over full military temperature
range of -55
°C to +125°C.
FUNCTION TABLE
LOGIC SYMBOL
PINOUTS
14-Pin DIP
Top View
14-Lead Flatpack
Top View
LOGIC DIAGRAM
INPUTS
OUTPUT
A
B
Y
L
L
L
L
H
H
H
L
H
H
H
L
Y1
(3)
(6)
Y2
Y3
(8)
(11)
Y4
(1)
A1
(2)
B1
(4)
A2
(5)
B2
(9)
A3
(10)
B3
(12)
A4
(13)
B4
Note:
1. Logic symbol in accordance with ANSI/IEEE standard 91-1984 and IEC
Publication 617-12.
=1
A1
B1
Y1
A2
B2
Y2
VSS
VDD
B4
A4
Y4
B3
A3
Y3
114
213
312
411
510
69
78
VDD
B4
A4
Y4
B3
A3
Y3
A1
B1
Y1
A2
B2
Y2
VSS
114
213
312
411
510
69
78
B4
A4
Y4
B3
A3
Y3
B2
A2
Y2
B1
A1
Y1


Similar Part No. - UT54ACTS86

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACTS85 AEROFLEX-UT54ACTS85 Datasheet
248Kb / 10P
4-Bit Comparators
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
9-bit Latchable Transceiver with Parity Generator/Checker
More results

Similar Description - UT54ACTS86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5486 TI-SN5486 Datasheet
647Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54ACT86 TI-SN54ACT86 Datasheet
514Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
Quadruple 2-input Exclusive-OR Gates
logo
List of Unclassifed Man...
GD54LS86 ETC1-GD54LS86 Datasheet
56Kb / 2P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Texas Instruments
SN54AHC86 TI-SN54AHC86_08 Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Renesas Technology Corp
HD74LS86 RENESAS-HD74LS86 Datasheet
59Kb / 5P
Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com