Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F74 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F74
Description  Dual D-Type Positive Edge-Triggered Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F74 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F74 Datasheet HTML 1Page - National Semiconductor (TI) 74F74 Datasheet HTML 2Page - National Semiconductor (TI) 74F74 Datasheet HTML 3Page - National Semiconductor (TI) 74F74 Datasheet HTML 4Page - National Semiconductor (TI) 74F74 Datasheet HTML 5Page - National Semiconductor (TI) 74F74 Datasheet HTML 6Page - National Semiconductor (TI) 74F74 Datasheet HTML 7Page - National Semiconductor (TI) 74F74 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Connection Diagrams
Pin Assignment
for DIP SOIC and Flatpak
TLF9469 – 1
Pin Assignment
for LCC
TLF9469 – 2
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
D1 D2
Data Inputs
1010
20 mA b06 mA
CP1 CP2
Clock Pulse Inputs (Active Rising Edge)
1010
20 mA b06 mA
CD1 CD2
Direct Clear Inputs (Active LOW)
1030
20 mA b18 mA
SD1 SD2
Direct Set Inputs (Active LOW)
1030
20 mA b18 mA
Q1 Q1 Q2 Q2
Outputs
50333
b
1 mA20 mA
Truth Table
Inputs
Outputs
SD
CD
CP
D
Q
Q
LH
X
X
H
L
HL
X
X
L
H
LL
X
X
H
H
HH
L
hH
L
HH
L
lL
H
HH
L
X
Q0
Q0
H (h) e HIGH Voltage Level
L (l) e LOW Voltage Level
X e Immaterial
Q0 e Previous Q (Q) before LOW-to-HIGH Clock Transition
Lower case letters indicate the state of the referenced input or output one
setup time prior to the LOW-to-HIGH clock transition
Logic Diagram
TLF9469 – 5
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com