Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACS151 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACS151
Description  1 of 8 Data Selectors/Multiplexers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS151 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACS151 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACS151 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS151 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS151 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS151 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS151 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS151 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS151 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS151 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Standard Products
UT54ACS151/UT54ACTS151
1 of 8 Data Selectors/Multiplexers
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
8-line to 1-line multiplexers can perform as
Boolean function generators, parallel-to-serial
converters, and data source selectors
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 16-pin DIP
- 16-lead flatpack
UT54ACS151 - SMD 5962-96548
UT54ACTS151 - SMD 5962-96549
DESCRIPTION
The UT54ACS151 and the UT54ACTS151 are data multiplex-
ers that provide full binary decoding to select one of eight data
sources. The strobe input, G, must be at a low logic level to
enable the inputs. A high level at the strobe terminal forces the
Y output high and the Y output low.
The devices are characterized over full military temperature
range of -55
°C to +125°C.
FUNCTION TABLE
H= high level, L = low level, X = irrelevant
D0, D1... D7 = the level of the D respective input
PINOUTS
16-Pin DIP
Top View
16-Lead Flatpack
Top View
LOGIC SYMBOL
INPUTS
OUTPUT
SELECT
STROBE
C
B
A
G
Y
Y
X
X
X
H
L
H
L
L
L
L
D0
D0
L
L
H
L
D1
D1
L
H
L
L
D2
D2
L
H
H
L
D3
D3
H
L
L
L
D4
D4
H
L
H
L
D5
D5
H
H
L
L
D6
D6
H
H
H
L
D7
D7
D3
D2
D1
D0
Y
Y
G
Vss
VDD
D4
D5
D6
D7
A
B
C
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDD
D4
D5
D6
D7
A
B
C
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
D3
D2
D1
D0
Y
Y
G
Vss
(7)
(11)
(10)
(9)
(4)
(3)
(2)
(1)
(15)
(14)
(13)
(12)
G
A
B
C
D0
D1
D2
D3
D4
D5
D6
D7
E
N
0
1
2
0
1
2
3
4
5
6
(6)
Y
MUX
Note:
1. Logic symbol in accordance with ANSI/IEEE Std 91-1984 and IEC
Publication 617-12.
(5)
Y
G
0
3
---


Similar Part No. - UT54ACS151

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS153 AEROFLEX-UT54ACS153 Datasheet
245Kb / 10P
Dual 4 to 1 Multiplexers
UT54ACS157 AEROFLEX-UT54ACS157 Datasheet
238Kb / 10P
Quadruple 2 to 1 Multiplexers
More results

Similar Description - UT54ACS151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS151 TI-SN54ALS151 Datasheet
110Kb / 6P
1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54F151B TI-SN54F151B Datasheet
76Kb / 5P
1-OF-8 DATA SELECTORS/MULTIPLEXERS
logo
Hitachi Semiconductor
HD74LS151 HITACHI-HD74LS151 Datasheet
61Kb / 6P
1-of-8 Data Selectors/Multiplexers(with strobe)
HD74LS152 HITACHI-HD74LS152 Datasheet
55Kb / 6P
1-of-8 Data Selectors/Multiplexers
logo
National Semiconductor ...
DM74253 NSC-DM74253 Datasheet
167Kb / 4P
TRI-STATE 1 of 8 Line Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS151 TI-SN54ALS151_07 Datasheet
652Kb / 17P
1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54ALS151 TI-SN54ALS151_08 Datasheet
792Kb / 18P
1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN74F151BDR TI1-SN74F151BDR Datasheet
80Kb / 5P
1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54ALS151 TI1-SN54ALS151_15 Datasheet
743Kb / 16P
1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54F151B TI1-SN54F151B_08 Datasheet
92Kb / 5P
1-OF-8 DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com