Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10-R01126PA008SC-M627F40 Datasheet(PDF) 5 Page - Vincotech

Part # 10-R01126PA008SC-M627F40
Description  Clip-in PCB mounting (optional)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-R01126PA008SC-M627F40 Datasheet(HTML) 5 Page - Vincotech

  10-R01126PA008SC-M627F40 Datasheet HTML 1Page - Vincotech 10-R01126PA008SC-M627F40 Datasheet HTML 2Page - Vincotech 10-R01126PA008SC-M627F40 Datasheet HTML 3Page - Vincotech 10-R01126PA008SC-M627F40 Datasheet HTML 4Page - Vincotech 10-R01126PA008SC-M627F40 Datasheet HTML 5Page - Vincotech 10-R01126PA008SC-M627F40 Datasheet HTML 6Page - Vincotech 10-R01126PA008SC-M627F40 Datasheet HTML 7Page - Vincotech 10-R01126PA008SC-M627F40 Datasheet HTML 8Page - Vincotech 10-R01126PA008SC-M627F40 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
10-R01126PA008SC-M627F40
10-RZ1126PA008SC-M627F41
Figure 5
Output inverter IGBT
Figure 6
Output inverter IGBT
Typical switching energy losses
Typical switching energy losses
as a function of collector current
as a function of gate resistor
E = f(IC)
E = f(RG)
With an inductive load at
With an inductive load at
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
600
V
VCE =
600
V
VGE =
±15
V
VGE =
±15
V
Rgon =
32
IC =
8
A
Rgoff =
32
Figure 7
Output inverter FWD
Figure 8
Output inverter FWD
Typical reverse recovery energy loss
Typical reverse recovery energy loss
as a function of collector current
as a function of gate resistor
Erec = f(IC)
Erec = f(RG)
With an inductive load at
With an inductive load at
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
600
V
VCE =
600
V
VGE =
±15
V
VGE =
±15
V
Rgon =
32
IC =
8
A
Output Inverter
Eon High T
Eoff High T
Eon Low T
Eoff Low T
0
0,4
0,8
1,2
1,6
2
0
5
10
15
I C (A)
Eoff High T
Eon High T
Eon Low T
Eoff Low T
0
0,4
0,8
1,2
1,6
2
0
20
40
60
80
100
120
140
R G ( Ω )
Tj = 150°C
Erec
Tj = 25°C
Erec
0
0,2
0,4
0,6
0,8
1
0
3
6
9
12
15
I C (A)
Tj = 150°C
Erec
Tj = 25°C
Erec
0
0,2
0,4
0,6
0,8
1
0
32
64
96
128
R G ( Ω )
25/150
25/150
25/150
25/150
5
Revision: 2
Copyright by Vincotech



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com