Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10-R0126PA025SC-M627F40 Datasheet(PDF) 2 Page - Vincotech

Part # 10-R0126PA025SC-M627F40
Description  Clip-in PCB mounting (optional)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-R0126PA025SC-M627F40 Datasheet(HTML) 2 Page - Vincotech

  10-R0126PA025SC-M627F40 Datasheet HTML 1Page - Vincotech 10-R0126PA025SC-M627F40 Datasheet HTML 2Page - Vincotech 10-R0126PA025SC-M627F40 Datasheet HTML 3Page - Vincotech 10-R0126PA025SC-M627F40 Datasheet HTML 4Page - Vincotech 10-R0126PA025SC-M627F40 Datasheet HTML 5Page - Vincotech 10-R0126PA025SC-M627F40 Datasheet HTML 6Page - Vincotech 10-R0126PA025SC-M627F40 Datasheet HTML 7Page - Vincotech 10-R0126PA025SC-M627F40 Datasheet HTML 8Page - Vincotech 10-R0126PA025SC-M627F40 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
10-R01126PA008SC-M627F40
10-RZ1126PA008SC-M627F41
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Maximum Ratings
Condition
Thermal Properties
Insulation Properties
Vis
t=2s
DC voltage
4000
V
min 12,7
mm
min 10,93
mm
CTI
>200
Comparative tracking index
Insulation voltage
Creepage distance
Top
Operation temperature under switching condition
Clearance
-40…+150
°C
Storage temperature
Tstg
-40…+125
°C
2
Revision: 2
Copyright by Vincotech



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com