Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10-R0126PA025SC-M629F40 Datasheet(PDF) 4 Page - Vincotech

Part # 10-R0126PA025SC-M629F40
Description  Clip-in PCB mounting (optional)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-R0126PA025SC-M629F40 Datasheet(HTML) 4 Page - Vincotech

  10-R0126PA025SC-M629F40 Datasheet HTML 1Page - Vincotech 10-R0126PA025SC-M629F40 Datasheet HTML 2Page - Vincotech 10-R0126PA025SC-M629F40 Datasheet HTML 3Page - Vincotech 10-R0126PA025SC-M629F40 Datasheet HTML 4Page - Vincotech 10-R0126PA025SC-M629F40 Datasheet HTML 5Page - Vincotech 10-R0126PA025SC-M629F40 Datasheet HTML 6Page - Vincotech 10-R0126PA025SC-M629F40 Datasheet HTML 7Page - Vincotech 10-R0126PA025SC-M629F40 Datasheet HTML 8Page - Vincotech 10-R0126PA025SC-M629F40 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
10-RZ126PA025SC-M629F41
10-R0126PA025SC-M629F40
Figure 1
Output inverter IGBT
Figure 2
Output inverter IGBT
Typical output characteristics
IC = f(VCE)
IC = f(VCE)
At
At
tp =
250
µs
tp =
250
µs
Tj =
25
°C
Tj =
150
°C
VGE from
7 V to 17 V in steps of 1 V
VGE from
7 V to 17 V in steps of 1 V
Figure 3
Output inverter IGBT
Figure 4
Output inverter FWD
Typical transfer characteristics
Typical diode forward current as
IC = f(VGE)
a function of forward voltage
IF = f(VF)
At
At
tp =
250
µs
tp =
250
µs
VCE =
10
V
Output Inverter
Typical output characteristics
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
V CE (V)
0
5
10
15
20
25
0
2
4
6
8
10
12
V GE (V)
Tj = 25°C
Tj = Tjmax-25°C
0
20
40
60
80
100
0
1
2
3
4
V F (V)
Tj = 25°C
Tj = Tjmax-25°C
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
V CE (V)
4
Revision: 2
Copyright by Vincotech



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com