Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6240GP Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-fold Low-Side Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE6240GP Datasheet HTML 1Page - Infineon Technologies AG TLE6240GP Datasheet HTML 2Page - Infineon Technologies AG TLE6240GP Datasheet HTML 3Page - Infineon Technologies AG TLE6240GP Datasheet HTML 4Page - Infineon Technologies AG TLE6240GP Datasheet HTML 5Page - Infineon Technologies AG TLE6240GP Datasheet HTML 6Page - Infineon Technologies AG TLE6240GP Datasheet HTML 7Page - Infineon Technologies AG TLE6240GP Datasheet HTML 8Page - Infineon Technologies AG TLE6240GP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Data Sheet TLE 6240 GP
V3.1
Page
26.Aug 2002
2
Detailed Block Diagram
All 16 channels can be controlled via the serial interface (SPI). In addition to the serial control it is possible to con-
trol channel 1 to 4 and 9 to 12 direct in parallel with a separate input pin. The parallel input signal is either ORed or
ANDed with the respective SPI data bit. This boolean operation can be programmed via SPI control byte (see
chapter "Functional Description"). The SPI interface also performs a diagnostic information for each channel.
FAULT
RESET
CS
SCLK
VS
IN1
OUT1
OUT5
OUT8
OUT13
OUT16
SPI
Interface
16 bit
Normal function
SCB/Overload
Open load
Short to ground
&
Output Stage
PRG
VS
GND
SI
SO
GND
≥1
AND or OR program-
mable via SPI ctrl. word
OUT4
OUT9
OUT12
as channel 1
as channel 1
as channel 1
IN4
IN9
IN12
Normal function
SCB/Overload
Open load
Short to ground
Output Stage
8 bit
16 bit
DIAG
8 bit
16 bit
DIAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com