Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT699CEA Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT699CEA
Description  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699CEA Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT699CEA Datasheet HTML 1Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 2Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 3Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 4Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 5Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 6Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 7Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 8Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1
FEATURES
 Implemented on a 0.25
mCMOS technology
 Flexible static design allows up to 66MHz clock rate
 89 DMIPS throughput via 66MHz base clock frequency
 Internally configured clock network
 On-board programmable timers and interrupt controllers
 High-performance fully pipelined IEEE-754 FPU
 Power saving 2.5V core power supply
 3.3V I/O compatibility
 Hardened-by-design flip-flops and memory cells
 Separate instruction and data cache architecture
 10/100 Base-T Ethernet port for VxWorks development
 Integrated PCI 2.2 compatible core
 Four integrated multi-protocol SpaceWire nodes with two
supporting the RMAP protocol
 Two CAN-compliant 2.0 bus interfaces
 Multifunctional memory controller
 -40oC to +105oC operating case temperature range
 Operational environment:
- Intrinsic total-dose: 100 krad(Si) and 300 krad(Si)
- SEL Immune >108 MeV-cm2/mg
 Packaging options:
- 352-pin Ceramic Quad Flatpack, weight 31.5 grams
- 484-pin Ceramic Land Grid, Column Grid and Ball
Grid Array packages
 Standard Microcircuit Drawing 5962-08228
- QML Q and V
 Applications
- Nuclear power plant controls
- Critical transportation systems
- High-altitude avionics
- Medical electronics
- X-Ray cargo scanning
INTRODUCTION
The UT699 is a pipelined monolithic, high-performance, fault-
tolerant SPARCTM V8/LEON 3FT Processor. The UT699
provides a 32-bit master/target PCI interface, including a 16 bit
user I/O interface for off-chip peripherals. A compliant 2.0
AMBA bus interface integrates the on-chip LEON 3FT,
SpaceWire, Ethernet, memory controller, cPCI, CAN bus, and
programmable interrupt peripherals.
The UT699 is SPARC V8 compliant; compilers and kernels for
SPARC V8 can therefore be used industry standard
development tools. A full software development suite is
available including a C/C++ cross-compiler system based on
GCC and the Newlib embedded C-library.
BCC includes a small run-time kernel with interrupt support
and Pthreads library. For multi-threaded applications, a
SPARCTM compliant port of the eCos real-time kernel, RTEMS
4.6.5, and VxWorks 6.x is supported.
Standard Products
UT699 32-bit Fault-Tolerant
SPARCTM V8/LEON 3FT Processor
Data Sheet
July, 2013


Similar Part No. - UT699CEA

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT699E AEROFLEX-UT699E Datasheet
348Kb / 41P
UT699E 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT699E-CEA AEROFLEX-UT699E-CEA Datasheet
348Kb / 41P
UT699E 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT699E-CEC AEROFLEX-UT699E-CEC Datasheet
348Kb / 41P
UT699E 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT699E-CPA AEROFLEX-UT699E-CPA Datasheet
348Kb / 41P
UT699E 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT699E-CPC AEROFLEX-UT699E-CPC Datasheet
348Kb / 41P
UT699E 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
More results

Similar Description - UT699CEA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_06 Datasheet
77Kb / 7P
Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_09 Datasheet
3Mb / 154P
Rad-Hard 32 bit SPARC V8 Processor
AT697F ATMEL-AT697F Datasheet
4Mb / 155P
Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
Rad-Hard 32-bit SPARC v8 Processor
logo
Aeroflex Circuit Techno...
UT699E AEROFLEX-UT699E Datasheet
348Kb / 41P
UT699E 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT700 AEROFLEX-UT700 Datasheet
369Kb / 46P
UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
logo
NEC
R320C NEC-R320C Datasheet
947Kb / 2P
Fault Tolerant Server
R320D NEC-R320D Datasheet
956Kb / 2P
Fault Tolerant Server
R320E NEC-R320E Datasheet
787Kb / 2P
Fault Tolerant Server
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com