Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS04E Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS04E
Description  Hex Inverters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS04E Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS04E Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS04E Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS04E Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS04E Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS04E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS04E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS04E Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
UT54ACTS04E
Hex Inverters
July, 2013
Datasheet
www.aeroflex.com/Logic
FEATURES
 0.6mCRH CMOS process
- Latchup immune
 High speed
 Low power consumption
 Wide power supply operating range of 3.0V to 5.5V
 Available QML Q or V processes
 14-pin flatpack
 UT54ACTS04E - SMD - 5962-96517
DESCRIPTION
The UT54ACTS04E is a hex inveter. The circuit performs the
Boolean functions Y = A
B or Y = A + B in positive logic.
The device is characterized over full military temperature range
of -55
C to +125C.
FUNCTION TABLE
LOGIC SYMBOL
PINOUT
14-Lead Flatpack
Top View
LOGIC DIAGRAM
INPUT
OUTPUT
A
Y
H
L
L
H
Note:
1. Logic symbol in accordance with ANSI/IEEE standard 91-1984 and IEC
Publication 617-12.
Y1
Y2
Y3
Y4
(1)
A1
(5)
A3
(11)
A5
(13)
A6
1
(3)
A2
(9)
A4
(2)
(10)
(12)
(4)
(8)
Y5
Y6
(6)
VDD
A6
Y6
A5
Y5
A4
Y4
A1
Y1
A2
Y2
A3
Y3
VSS
114
213
312
411
510
69
78
Y4
Y3
Y1
Y2
Y6
Y5
A4
A3
A1
A2
A6
A5


Similar Part No. - UT54ACTS04E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT54ACTS04 ETC1-UT54ACTS04 Datasheet
31Kb / 4P
Radiation-Hardened Hex Inverters
logo
Aeroflex Circuit Techno...
UT54ACTS04 AEROFLEX-UT54ACTS04 Datasheet
230Kb / 9P
Hex Inverters
More results

Similar Description - UT54ACTS04E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
Hex Inverters
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
Hex Inverters
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
HEX INVERTERS
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
HEX INVERTERS
Rev 1
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com