Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS20E Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS20E
Description  Dual 4-Input NAND Gates
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS20E Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS20E Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS20E Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS20E Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS20E Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS20E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS20E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS20E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS20E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS20E Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
36-00-04-003
Ver. 1.0.0
Aeroflex Microelectronics Solutions - HiRel
UT54ACTS20E
Dual 4-Input NAND Gates
December 2014
www.aeroflex.com/Logic
Advanced Datasheet
FEATURES
• 0.6μm CRH CMOS Process
- Latchup immune
• High speed
• Low power consumption
• Wide power supply operating range of 3.0V to 5.5V
• Available QML Q or V processes
• 14-lead flatpack
• UT54ACTS20E - SMD 5962-96527
DESCRIPTION
The UT54ACTS20E are dual 4-input NAND gates. The circuits
perform the Boolean functions Y = A
⋅B⋅C⋅D or Y = A+B+C+D
in positive logic.
The device is characterized over full military temperature range
of -55
°C to +125°C.
FUNCTION TABLE
LOGIC SYMBOL
Note:
1. Logic symbol in accordance with ANSI/IEEE standard 91-1984 and IEC
Publication 617-12.
.
PINOUT
14-Lead Flatpack
Top View
LOGIC DIAGRAM
INPUTS
OUTPUT
A
B
C
D
Y
H
H
H
H
L
L
X
X
X
H
X
L
X
X
H
X
X
L
X
H
X
X
X
L
H
(6)
Y1
(8)
Y2
(1)
A1
(2)
B1
(4)
C1
(5)
D1
(9)
A2
(10)
B2
(12)
C2
(13)
D2
&
VDD
D2
C2
NC
B2
A2
Y2
A1
B1
NC
C1
D1
Y1
VSS
114
213
312
411
510
69
78
A1
B1
Y1
C1
D1
A2
B2
Y2
C2
D2


Similar Part No. - UT54ACTS20E

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACTS20 AEROFLEX-UT54ACTS20 Datasheet
229Kb / 9P
Dual 4-Input NAND Gates
More results

Similar Description - UT54ACTS20E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC20 HITACHI-HD74HC20 Datasheet
45Kb / 8P
Dual 4-input NAND Gates
logo
ON Semiconductor
MC14012B ONSEMI-MC14012B_11 Datasheet
127Kb / 8P
Dual 4-Input NAND Gates
June, 2011 ??Rev. 9
logo
Texas Instruments
54LS20J TI1-54LS20J Datasheet
336Kb / 8P
Dual 4-Input NAND Gates
logo
Unisonic Technologies
U74HC20 UTC-U74HC20 Datasheet
172Kb / 5P
DUAL 4-INPUT NAND GATES
U74HCT20 UTC-U74HCT20 Datasheet
167Kb / 4P
DUAL 4-INPUT NAND GATES
U74HC20 UTC-U74HC20_15 Datasheet
191Kb / 5P
DUAL 4-INPUT NAND GATES
U74HCT20 UTC-U74HCT20_15 Datasheet
167Kb / 4P
DUAL 4-INPUT NAND GATES
U74AHC2G125 UTC-U74AHC2G125_15 Datasheet
160Kb / 4P
DUAL 4-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACS20 AEROFLEX-UT54ACS20 Datasheet
229Kb / 9P
Dual 4-Input NAND Gates
logo
ON Semiconductor
MC14012B ONSEMI-MC14012B_14 Datasheet
105Kb / 7P
Dual 4-Input NAND Gates
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com