Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS74E Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS74E
Description  Dual D Flip-Flops with Clear and Preset
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS74E Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS74E Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS74E Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS74E Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS74E Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS74E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS74E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS74E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS74E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS74E Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
UT54ACTS74E
Dual D Flip-Flops with Clear & Preset
July, 2013
Datasheet
www.aeroflex.com/Logic
FEATURES
•
m CRH CMOS process
- Latchup immune
• High speed
• Low power consumption
• Wide power supply operating range from 3.0V to 5.5V
• Available QML Q or V processes
• 14-lead flatpack
• UT54ACTS74E-SMD- 5962-96535
DESCRIPTION
The UT54ACTS74E contains two independent D-type positive
triggered flip-flops. A low level at the Preset or Clear inputs
sets or resets the outputs regardless of the levels of the other
inputs. When Preset and Clear are inactive (high), data at the
D input meeting the setup time requirement is transferred to the
outputs on the positive-going edge of the clock pulse. Follow-
ing the hold time interval, data at the D input may be changed
without affecting the levels at the outputs.
The device is characterized over full HiRel temperature range
of -55
C to +125C.
FUNCTION TABLE
Note:
1. The output levels in this configuration are not guaranteed to meet the mini-
mum levels for VOH if the lows at preset and clear are near VIL maximum.
In addition, this configuration is nonstable; that is, it will not persist when
either preset or clear returns to its inactive (high) level.
PINOUTS
14-Lead Flatpack
TopView
LOGIC SYMBOL
INPUTS
OUTPUT
PRE
CLR
CLK
D
Q
Q
L
H
X
X
H
L
H
L
X
X
L
H
L
L
X
X
H 1
H 1
H
H
H
H
L
H
H
L
L
H
H
H
L
X
Qo
Qo
1
2
3
4
5
7
6
14
13
12
11
10
8
9
VDD
CLR2
D2
CLK2
PRE2
Q2
Q2
CLR1
D1
CLK1
PRE1
Q1
Q1
VSS
Q1
(5)
(6)
Q1
Q2
(9)
(8)
Q2
(4)
PRE1
(3)
CLK1
(2)
D1
(1)
CLR1
(10)
PRE2
(11)
CLK2
(12)
D2
(13)
CLR2
Note:
1. Logic symbol in accordance with ANSI/IEEE standard 91-1984 and IEC
Publication 617-12.
S
C1
D1
R


Similar Part No. - UT54ACTS74E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT54ACTS74 ETC-UT54ACTS74 Datasheet
46Kb / 6P
Radiation-Hardened Dual D Flip-Flops with Clear & Preset
logo
Aeroflex Circuit Techno...
UT54ACTS74 AEROFLEX-UT54ACTS74 Datasheet
238Kb / 10P
Dual D Flip-Flops with Clear & Preset
More results

Similar Description - UT54ACTS74E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC74 HITACHI-HD74HC74 Datasheet
58Kb / 9P
Dual D-type Flip-Flops (with Preset and Clear)
HD74LV74A HITACHI-HD74LV74A Datasheet
66Kb / 16P
Dual D-type Flip Flops with Preset and Clear
HD74LVC74 HITACHI-HD74LVC74 Datasheet
48Kb / 9P
Dual D-type Flip Flops with Preset and Clear
logo
Renesas Technology Corp
HD74LVC74 RENESAS-HD74LVC74 Datasheet
189Kb / 7P
Dual D-type Flip Flops with Preset and Clear
HD74LV74A RENESAS-HD74LV74A Datasheet
83Kb / 10P
Dual D-type Flip Flops with Preset and Clear
RD74LVC74B RENESAS-RD74LVC74B Datasheet
112Kb / 9P
Dual D-type Flip Flops with Preset and Clear
HD74HC74 RENESAS-HD74HC74 Datasheet
108Kb / 8P
Dual D-type Flip-Flops (with Preset and Clear)
HD74LV74A RENESAS-HD74LV74A_15 Datasheet
108Kb / 12P
Dual D?뱓ype Flip Flops with Preset and Clear
RD74LVC74B RENESAS-RD74LVC74B_15 Datasheet
131Kb / 11P
Dual D-type Flip Flops with Preset and Clear
logo
Aeroflex Circuit Techno...
UT54ACS74 AEROFLEX-UT54ACS74 Datasheet
238Kb / 10P
Dual D Flip-Flops with Clear & Preset
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com