Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6288R Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE6288R
Description  Smart 6 Channel Peak&Hold Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288R Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE6288R Datasheet HTML 15Page - Infineon Technologies AG TLE6288R Datasheet HTML 16Page - Infineon Technologies AG TLE6288R Datasheet HTML 17Page - Infineon Technologies AG TLE6288R Datasheet HTML 18Page - Infineon Technologies AG TLE6288R Datasheet HTML 19Page - Infineon Technologies AG TLE6288R Datasheet HTML 20Page - Infineon Technologies AG TLE6288R Datasheet HTML 21Page - Infineon Technologies AG TLE6288R Datasheet HTML 22Page - Infineon Technologies AG TLE6288R Datasheet HTML 23Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Preliminary Datasheet TLE6288 R
Vp2
Page 21
13.01.2003
9
Typicel Characteristics
9.1
Zth Diagramm
Conditions:
Tcase = 125°C
Single Channel Operation
Parameters:
tp ..... Pulse Width
D ..... Duty Cycle
1 .10 5
1.10 4
1 .10 3
0.01
0.1
0.01
0.1
1
10
tp [s]
.
D = 0.50
0.20
0.10
0.05
single
Rth = 3.1 K/W
0.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com