Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT699E-CEC Datasheet(PDF) 21 Page - Aeroflex Circuit Technology

Part # UT699E-CEC
Description  UT699E 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699E-CEC Datasheet(HTML) 21 Page - Aeroflex Circuit Technology

Back Button UT699E-CEC Datasheet HTML 17Page - Aeroflex Circuit Technology UT699E-CEC Datasheet HTML 18Page - Aeroflex Circuit Technology UT699E-CEC Datasheet HTML 19Page - Aeroflex Circuit Technology UT699E-CEC Datasheet HTML 20Page - Aeroflex Circuit Technology UT699E-CEC Datasheet HTML 21Page - Aeroflex Circuit Technology UT699E-CEC Datasheet HTML 22Page - Aeroflex Circuit Technology UT699E-CEC Datasheet HTML 23Page - Aeroflex Circuit Technology UT699E-CEC Datasheet HTML 24Page - Aeroflex Circuit Technology UT699E-CEC Datasheet HTML 25Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
21
Aeroflex Microelectronics Solutions - HiRel
36-00-00-001
Ver. 1.5.0
3.8 DC Electrical Characteristics for PCI Inputs (pre- and post-radiation)
(VDD = 3.3V + 0.3V; VDDC = 1.2V + 0.1V; TC = -55oC to 105oC)
Notes:
1. Capacitance is measured for initial qualification and when design changes might affect the input/output capacitance.
3.9 DC Electrical Characteristics for PCI Outputs (pre- and post-radiation)
(VDD = 3.3V + 0.3V; VDDC = 1.2V + 0.1V; TC = -55oC to 105oC)
Notes:
1. Guaranteed by design.
2. Capacitance is measured for initial qualification and when design changes might affect the input/output capacitance.
Symbol
Description
Conditions
Min
Max
Units
VIH
High-level input voltage
0.5VDD
--
V
VIL
Low-level input voltage
--
0.3VDD
V
IIN
Input leakage current
VIN = VDD
--
10
μA
VIN = VSS
-10
--
CIN1
Input pin capacitance
f = 1MHz; VDD = 0V,
VDDC = 0V
--
22
pF
Symbol
Description
Conditions
Min
Max
Units
VOH
High-level output voltage
(PCI_AD[31:0], PCI_C/BE[3:0], PCI_RST,
PCI_IDSEL, PCI_FRAME, PCI_IRDY,
PCI_TRDY, PCI_DEVSEL, PCI_STOP,
PCI_PERR, PCI_PAR)
IOH = -500μA0.9VDD
--
V
VOL
Low-level output voltage
(PCI_AD[31:0], PCI_C/BE[3:0], PCI_RST,
PCI_IDSEL, PCI_FRAME, PCI_IRDY,
PCI_TRDY, PCI_DEVSEL, PCI_STOP,
PCI_PERR, PCI_PAR)
IOL = 1500μA--
0.1VDD
V
IOZ
Three-state output current
VO = VDD
-10
10
μA
VO = VSS
-10
10
IOS1
Short-circuit output current
VO = VDD; VDD = 3.6V
--
270
mA
VO = VSS; VDD = 3.6V
-130
--
COUT2
Output pin capacitance
f = 1MHz; VDD = 0V,
VDDC = 0V
--
22
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com