Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT700E-CEC Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # UT700E-CEC
Description  UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT700E-CEC Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button UT700E-CEC Datasheet HTML 9Page - Aeroflex Circuit Technology UT700E-CEC Datasheet HTML 10Page - Aeroflex Circuit Technology UT700E-CEC Datasheet HTML 11Page - Aeroflex Circuit Technology UT700E-CEC Datasheet HTML 12Page - Aeroflex Circuit Technology UT700E-CEC Datasheet HTML 13Page - Aeroflex Circuit Technology UT700E-CEC Datasheet HTML 14Page - Aeroflex Circuit Technology UT700E-CEC Datasheet HTML 15Page - Aeroflex Circuit Technology UT700E-CEC Datasheet HTML 16Page - Aeroflex Circuit Technology UT700E-CEC Datasheet HTML 17Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
13
36-00-00-000
Ver. 1.3.1
Aeroflex Microelectronics Solutions - HiRel
2.15 PCI Control Signals
Notes:
1. This pin must be tied to VDD through a pull-up resistor as specified in the PCI Local Bus Specification Revision 2.1 Section 4.3.3.
2.16 PCI Arbiter
Pin Name
Direction
Pin
Number
Reset
Value
Description
484 CLGA
PCI_RST
PCI-I
C3
--
PCI reset input
PCI_CLK
PCI-I
C2
--
PCI clock input
PCI_C/BE[0]
PCI-I/O
V1
high-z
PCI bus command and byte enable
PCI_C/BE[1]
PCI-I/O
P2
high-z
PCI bus command and byte enable
PCI_C/BE[2]
PCI-I/O
H1
high-z
PCI bus command and byte enable
PCI_C/BE[3]
PCI-I/O
G2
high-z
PCI bus command and byte enable
PCI_PAR
PCI-I/O
P1
high-z
PCI parity checkbit
PCI_FRAME1
PCI-3
L1
high-z
PCI cycle frame indicator
PCI_IRDY1
PCI-3
L2
high-z
PCI initiator ready indicator
PCI_TRDY1
PCI-3
M1
high-z
PCI target ready indicator
PCI_STOP1
PCI-3
N1
high-z
PCI target stop request
PCI_DEVSEL1
PCI-3
M2
high-z
PCI device select
PCI_PERR1
PCI-3
N2
high-z
PCI parity error indicator
PCI_IDSEL
PCI-I
G3
--
PCI initialization device select
PCI_REQ
PCI-O
A4
high-z
PCI request to arbiter in point to point configuration
PCI_GNT
PCI-I
B2
--
PCI bus access indicator in point to point configura-
tion
PCI_HOST
PCI-I
AB3
--
PCI host enable input (Connect to SYSEN in PCI bus)
Pin Name
Direction
Pin
Number
Reset
Value
Description
484 CLGA
PCI_ARB_REQ[0]
PCI-I
B4
--
PCI arbiter bus request
PCI_ARB_REQ[1]
PCI-I
AB4
--
PCI arbiter bus request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com